Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
26
MUTE PIN AS INPUT
The WM8768 can be muted externally by driving the MUTE pin high. When the MUTE pin is driven
low the device will never automute, although direct mutes can still be applied via the DMUTE or
MUTEALL registers.
The DZFM bits are used to decode the operation of a MUTE pin (decides which channels will be
affected by the logic level present on the MUTE pin). MPD (Mute Pin Decode) is used to enable the
DZFM operation. If MPD is set, the selection made by the DZFM bits will be ignored and all channels
will be muted when the pin is driven high.
Table 11 below describes which channels will be softmuted when the MUTE pin is driven high
depending on the MPD and DZFM bits.
MPD
{DZFM4,DZFM [1:0]}
CHANNELS MUTED WHEN
MUTE PIN HIGH
0
000
All Channels
0
001
CH1
0
010
CH2
0
011
CH3
0
100
CH4
0
101
CH1 and CH2
0
110
CH1, CH2 and CH3
0
111
CH3 and CH4
1
000
All Channels
1
001
All Channels
1
010
All Channels
1
011
All Channels
1
100
All Channels
1
101
All Channels
1
110
All Channels
1
111
All Channels
Table 11 Mute Pin Decode when Mute Pin as Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com