Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 28 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 28 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 32Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
WM8768
Production Data
w
PD Rev 4.1 March 2005
28
INFINITE ZERO DETECT
When it is set, the IZD register causes an analogue mute of the DAC channel output amplifier both
when there are 1024 zeros on that channel’s DIN pin or when it is manually muted by DMUTE or
MUTEALL.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC Channel Control
4
IZD
0
IZD Enable
0 : Disable infinite zero mute
1: Enable infinite zero mute
This operation is only available in software mode and can sometimes create a very small click at the
output of the device.
DE-EMPHASIS MODE
Each stereo DAC channel has an individual de-emphasis control bit:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0001001
DAC De-emphahsis
Control
[8:6]
DEEMPH
[2:0]
000
DAC 3, 2 and 1 De-emphasis
channel selection select:
0001111
DAC4 Control
4
DEEMPH4
0
DAC 4 De-emphasis channel
selection select:
{DEEMPH4,DEEMPH
[2:0]}
DAC
CHANNEL 4
DAC
CHANNEL 3
DAC
CHANNEL 2
DAC
CHANNEL 1
0000
Not-DEEMPH
Not-DEEMPH
Not-DEEMPH
Not-DEEMPH
0001
Not-DEEMPH
Not-DEEMPH
Not-DEEMPH
DEEMPH
0010
Not-DEEMPH
Not-DEEMPH
DEEMPH
Not-DEEMPH
0011
Not-DEEMPH
Not-DEEMPH
DEEMPH
DEEMPH
0100
Not-DEEMPH
DEEMPH
Not-DEEMPH
Not-DEEMPH
0101
Not-DEEMPH
DEEMPH
Not-DEEMPH
DEEMPH
0110
Not-DEEMPH
DEEMPH
DEEMPH
Not-DEEMPH
0111
Not-DEEMPH
DEEMPH
DEEMPH
DEEMPH
1000
DEEMPH
Not-DEEMPH
Not-DEEMPH
Not-DEEMPH
1001
DEEMPH
Not-DEEMPH
Not-DEEMPH
DEEMPH
1010
DEEMPH
Not-DEEMPH
DEEMPH
Not-DEEMPH
1011
DEEMPH
Not-DEEMPH
DEEMPH
DEEMPH
1100
DEEMPH
DEEMPH
Not-DEEMPH
Not-DEEMPH
1101
DEEMPH
DEEMPH
Not-DEEMPH
DEEMPH
1110
DEEMPH
DEEMPH
DEEMPH
DEEMPH
1111
DEEMPH
DEEMPH
DEEMPH
DEEMPH
Table 14 De-emphasis Control
Refer to Figure 25, Figure 26, Figure 27, Figure 28, Figure 29 and Figure 30 for details of the De-
Emphasis performance at different sample rates.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
0000010
DAC DEEMPH
1
DEEMP
ALL
0
DEEMPH Select:
0 : Normal Operation
1: De-emphasis all channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com