Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8768 Datasheet(PDF) 27 Page - Wolfson Microelectronics plc

Part # WM8768
Description  24-bit, 192kHz 8-Channel DAC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8768 Datasheet(HTML) 27 Page - Wolfson Microelectronics plc

Back Button WM8768 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 27Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8768 Datasheet HTML 31Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
Production Data
WM8768
w
PD Rev 4.1 March 2005
27
AUTOMUTE
The WM8768 can automute by counting zero samples on the DIN1/2/3/4 inputs. When 1024 zero
samples are counted on one channel, one of four internal zero flags (zflag1/2/3/4 shown in figure 2)
is raised. Depending on the external hardware and settings of DZFM, MPD and IZD, different
automute operations are possible.
MUTE PIN AS OUTPUT
If the MUTE pin is connected to a high impedance (input to external mute circuitry for example) or left
floating, zflag1/2/3/4 will be output on the Mute pin dependent on DZFM settings. This is described in
Table 12 below. The output impedance of the MUTE pin is 10kOhms
{DZFM4,DZFM
[1:0]}
CONDITION UNDER WHICH MUTE
PIN DRIVEN HIGH
000
Zflag1, 2, 3 and 4 all high
001
Zflag1 high
010
Zflag2 high
011
Zflag3 high
100
Zflag4 high
101
Zflag1 and 2 high
110
Zflag1, 2 and 3 high
111
Zflag3 and 4 high
Table 12 Effect of DZFM on Mute Pin Output
When the Mute pin is used as an output, its logic level remains connected to the DZFM selector
inside the chip (see figure 1). So, when the WM8768 drives the Mute pin high, the output DACs will
also softmute as described by Table 13.
MPD
{DZFM4,DZFM [1:0]}
CHANNELS MUTED WHEN
MUTE PIN DRIVEN HIGH
0
000
All Channels
0
001
CH1
0
010
CH2
0
011
CH3
0
100
CH4
0
101
CH1 and CH2
0
110
CH1, CH2 and CH3
0
111
CH3 and CH4
1
000
All Channels
1
001
All Channels
1
010
All Channels
1
011
All Channels
1
100
All Channels
1
101
All Channels
1
110
All Channels
1
111
All Channels
Table 13 Mute Pin Decode when Mute Pin as Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com