Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-6 Datasheet (PDF) - Mini-Circuits

ADE-6 Datasheet PDF - Mini-Circuits
Part # ADE-6
Download  ADE-6 Download
File Size   68.26 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Frequency Mixer

ADE-6 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADE-6 Datasheet PDF - Mini-Circuits

Part # ADE-6
Download  ADE-6 Click to download

File Size   68.26 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Surface Mount Frequency Mixer

ADE-6 Datasheet (HTML) - Mini-Circuits


ADE-6 Product details

Surface Mount Frequency Mixer
Level 7 (LO Power +7 dBm) 0.05 to 250 MHz

Features
● low conversion loss, 4.6 dB typ.
● excellent L-R isolation, 40 dB typ.
● low profile package 0.21" height (patent pending)
● solder plated leads for excellent solderability

Applications
● cellular
● instrumentation




Similar Part No. - ADE-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results


Similar Description - ADE-6

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
MXB-0502-7 PDI-MXB-0502-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1002-17 PDI-MXB-1002-17 Datasheet
50Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-7 PDI-MXB-1003-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17 PDI-MXB-1003-17 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17H PDI-MXB-1003-17H Datasheet
54Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-3 PDI-MXB-1501-3 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-7 PDI-MXB-1501-7 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
logo
Mini-Circuits
MBA-671 MINI-MBA-671 Datasheet
126Kb / 1P
SURFACE MOUNT FREQUENCY MIXER
LRMS-1W MINI-LRMS-1W Datasheet
183Kb / 2P
Surface Mount Frequency Mixer
SIM-24MH+ MINI-SIM-24MH+ Datasheet
238Kb / 2P
Ceramic Surface Mount Frequency Mixer WIDE BAND
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com