Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE-6 Datasheet(PDF) 1 Page - Mini-Circuits

Part # ADE-6
Description  Surface Mount Frequency Mixer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

ADE-6 Datasheet(HTML) 1 Page - Mini-Circuits

  ADE-6 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
®
ISO 9001 CERTIFIED
INTERNET http://www.minicircuits.com
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661
Distribution Centers NORTH AMERICA 800-654-7949 • 417-335-5935 • Fax 417-335-5945 • EUROPE 44-1252-835094 • Fax 44-1252-837010
ADE-6
Typical Performance Data
Features
l low conversion loss, 4.6 dB typ.
l excellent L-R isolation, 40 dB typ.
l low profile package 0.21" height (patent pending)
l solder plated leads for excellent solderability
Outline Drawing
RF
MHz
LO
MHz
Conversion Loss
(dB)
LO
+7dBm
Isolation L-R
(dB)
LO
+7dBm
LO
+7dBm
Isolation L-I
(dB)
VSWR RF port
(:1)
VSWR LO port
(:1)
LO
+7dBm
LO
+7dBm
Frequency Mixer
Level 7 (LO Power +7 dBm)
0.05 to 250 MHz
Electrical Specifications
Surface Mount
Outline Dimensions (
)
inch
mm
Maximum Ratings
Operating Temperature
-20°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
Pin Configuration
LO
6
RF
3
IF
2
GROUND
1,4,5
Applications
l cellular
l instrumentation
LO-RF ISOLATION, dB
LO-IF ISOLATION, dB
U
Typ. Min.
L
Typ. Min.
Total
Range
Max.
CONVERSION LOSS
dB
Max.
Mid-Band
m
_
x
FREQUENCY
MHz
IF
LO/RF
f
L-fU
U
Typ. Min.
M
Typ. Min.
σσσσσ
L
Typ. Min.
M
Typ. Min.
IP3@
center
band
Typ.
(dBm)
CASE STYLE:
CD637
PRICE:
$4.95 ea.
QTY.:
(10-49)
0.05 - 250
DC-200
4.6
.05
7
8.4
62 49
40
30
40 20
58
44
45 24
25 15
10
1 dB Comp.+1 dBm
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m = mid band [2f
L to fU/2]
Frequency
EVALUATION BOARD P/N: TB-03
REV. OR
M70004
ED-7383/2
ADE-6
DJ/TD/CP
000118
A
B
CDE
F
G
H
.280
.310
.220
.100
.206
.055
.100
.030
7.11
7.87
5.58
2.54
5.23
1.40
2.54
0.76
J
K
L
wt.
––
.065
.300
grams
––
1.65
7.62
.45
0.05
30.05
4.68
59.77
56.14
2.30
1.58
10.00
40.00
4.13
66.00
52.10
2.52
1.27
26.76
56.76
4.22
68.60
49.00
2.55
1.23
40.00
70.00
4.19
66.80
46.10
2.58
1.21
53.42
83.42
4.35
57.30
45.60
2.55
1.18
60.00
90.00
4.32
54.40
44.40
2.61
1.18
80.00
110.00
4.18
56.90
41.50
2.55
1.13
100.00
130.00
4.49
48.70
40.80
2.65
1.14
106.74
136.74
4.62
43.60
42.00
2.68
1.15
120.00
150.00
4.62
40.20
40.00
2.80
1.12
133.40
163.40
4.54
38.00
37.00
2.76
1.13
140.00
170.00
4.64
37.00
35.70
2.80
1.15
150.00
180.00
4.68
36.30
34.30
2.84
1.13
160.06
190.06
4.75
53.20
32.70
2.68
1.07
170.00
200.00
4.81
54.40
32.20
2.76
1.02
186.72
216.72
5.14
54.50
31.20
2.92
1.16
200.00
230.00
5.19
53.80
31.80
2.96
1.28
213.38
243.38
5.26
61.60
31.60
2.92
1.41
240.04
270.04
5.44
42.00
26.40
2.72
1.62
250.00
280.00
5.44
39.40
24.50
2.65
1.69


Similar Part No. - ADE-6

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADE-1 MINI-ADE-1 Datasheet
231Kb / 2P
Frequency Mixer
ADE-1 MINI-ADE-1 Datasheet
145Kb / 2P
Frequency Mixer
ADE-1+ MINI-ADE-1+ Datasheet
231Kb / 2P
Frequency Mixer
ADE-10H MINI-ADE-10H Datasheet
298Kb / 2P
Frequency Mixer
ADE-10H+ MINI-ADE-10H+ Datasheet
298Kb / 2P
Frequency Mixer
More results

Similar Description - ADE-6

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
MXB-0502-7 PDI-MXB-0502-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1002-17 PDI-MXB-1002-17 Datasheet
50Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-7 PDI-MXB-1003-7 Datasheet
40Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17 PDI-MXB-1003-17 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1003-17H PDI-MXB-1003-17H Datasheet
54Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-3 PDI-MXB-1501-3 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
MXB-1501-7 PDI-MXB-1501-7 Datasheet
41Kb / 1P
SURFACE MOUNT MIXER
logo
Mini-Circuits
MBA-671 MINI-MBA-671 Datasheet
126Kb / 1P
SURFACE MOUNT FREQUENCY MIXER
LRMS-1W MINI-LRMS-1W Datasheet
183Kb / 2P
Surface Mount Frequency Mixer
SIM-24MH+ MINI-SIM-24MH+ Datasheet
238Kb / 2P
Ceramic Surface Mount Frequency Mixer WIDE BAND
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com