Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FWP-35B Datasheet (PDF) - Cooper Bussmann, Inc.

FWP-35B Datasheet PDF - Cooper Bussmann, Inc.
Part # FWP-35B
Download  FWP-35B Download
File Size   40.19 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 35-100A 700-1200A 700VOLTS

FWP-35B Datasheet (PDF)

Go To PDF Page Download Datasheet
FWP-35B Datasheet PDF - Cooper Bussmann, Inc.

Part # FWP-35B
Download  FWP-35B Click to download

File Size   40.19 Kbytes
Page   2 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description 35-100A 700-1200A 700VOLTS

FWP-35B Datasheet (HTML) - Cooper Bussmann, Inc.




Similar Part No. - FWP-35B

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWP-35B COOPER-FWP-35B Datasheet
750Kb / 20P
High Speed Fuses
FWP-35B COOPER-FWP-35B Datasheet
50Kb / 2P
FWP 700V 5-1200A
FWP-35B COOPER-FWP-35B Datasheet
50Kb / 2P
FWP 700V 5-1200A
More results


Similar Description - FWP-35B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BUL45 MOTOROLA-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
logo
ON Semiconductor
BUL45 ONSEMI-BUL45 Datasheet
392Kb / 10P
POWER TRANSISTOR 5.0 AMPERES 700 VOLTS 35 and 75 WATTS
1995 REV 2
logo
Astec America, Inc
AIF25R48 ASTEC-AIF25R48 Datasheet
109Kb / 2P
700 Watts
logo
Solid States Devices, I...
SDR643CTS1 SSDI-SDR643CTS1 Datasheet
80Kb / 2P
50 AMP 300-700 Volts 35 nsec Centertap Rectifier
logo
Nihon Inter Electronics...
PHMB1200B12 NIEC-PHMB1200B12_1 Datasheet
197Kb / 3P
1200A 1200V
logo
Cooper Bussmann, Inc.
WP-20A22F COOPER-WP-20A22F Datasheet
43Kb / 2P
20-100A, 700 Volts
logo
Schneider Electric
EGB24100 SCHNEIDER-EGB24100 Datasheet
135Kb / 2P
E-Frame Brkr 100A, 2P, 480Y/277V, 35/65kA, Bolt-on Mnt
Jun 11, 2020
logo
First Silicon Co., Ltd
FTK11NS70P FS-FTK11NS70P Datasheet
692Kb / 7P
11Amps, 700Volts N-Channel Super Juction MOS-FET
logo
HARTING Technology Grou...
09-14-002-2751 HARTING-09-14-002-2751 Datasheet
461Kb / 2P
Han 100A axial module, female 16-35 mm짼
09-14-002-2651 HARTING-09-14-002-2651 Datasheet
458Kb / 2P
Han 100A axial module, male 16-35 mm짼
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com