Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7400 Datasheet (PDF) - List of Unclassifed Manufacturers

AO7400 Datasheet PDF - List of Unclassifed Manufacturers
Part # AO7400
Download  AO7400 Download
File Size   373.64 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO7400 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO7400 Datasheet PDF - List of Unclassifed Manufacturers

Part # AO7400
Download  AO7400 Click to download

File Size   373.64 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description N-Channel Enhancement Mode Field Effect Transistor

AO7400 Datasheet (HTML) - List of Unclassifed Manufacturers


AO7400 Product details

[Alpha & Omega Semiconductor, Ltd.]

General Description
The AO7400 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V, in the small SOT323 footprint. It can be used for a wide variety of applications, including load switching, low current inverters and low current DC-DC converters.

Features
    VDS (V) = 30V
    ID = 1.7 A
    RDS(ON) < 85mΩ (VGS = 10V)
    RDS(ON) < 100mΩ (VGS = 4.5V)
    RDS(ON) < 140mΩ (VGS = 2.5V)




Similar Part No. - AO7400

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO7400 AOSMD-AO7400 Datasheet
197Kb / 5P
30V N-Channel MOSFET
logo
Guangdong Kexin Industr...
AO7400 KEXIN-AO7400 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7400 VBSEMI-AO7400 Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - AO7400

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com