Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AO7400 Datasheet (PDF) - Alpha & Omega Semiconductors

AO7400 Datasheet PDF - Alpha & Omega Semiconductors
Part # AO7400
Download  AO7400 Download
File Size   197.47 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO7400 Datasheet (PDF)

Go To PDF Page Download Datasheet
AO7400 Datasheet PDF - Alpha & Omega Semiconductors

Part # AO7400
Download  AO7400 Click to download

File Size   197.47 Kbytes
Page   5 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 30V N-Channel MOSFET

AO7400 Datasheet (HTML) - Alpha & Omega Semiconductors


AO7400 Product details

General Description
The AO7400 uses advanced trench technology to provide excellent RDS(ON), low gate charge and operation with gate voltages as low as 2.5V, in the small SOT323 footprint. It can be used for a wide variety of applications, including load switching, low current inverters and low current DC-DC converters.

Product Summary
    VDS                                         30V
    ID (at VGS=10V)                    1.7A
    RDS(ON) (at VGS=10V)   < 55mΩ
    RDS(ON) (at VGS =4.5V) < 65mΩ
    RDS(ON) (at VGS =2.5V) < 85mΩ




Similar Part No. - AO7400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AO7400 ETC-AO7400 Datasheet
373Kb / 6P
N-Channel Enhancement Mode Field Effect Transistor
logo
Guangdong Kexin Industr...
AO7400 KEXIN-AO7400 Datasheet
1Mb / 4P
N-Channel MOSFET
logo
VBsemi Electronics Co.,...
AO7400 VBSEMI-AO7400 Datasheet
1Mb / 9P
N-Channel 20 V (D-S) MOSFET
More results


Similar Description - AO7400

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CMT4410 ETC-CMT4410 Datasheet
183Kb / 6P
N-CHANNEL 30V MOSFET
logo
Taiwan Semiconductor Co...
TSM4392 TSC-TSM4392 Datasheet
207Kb / 4P
30V N-Channel MOSFET
TSM4404 TSC-TSM4404 Datasheet
245Kb / 6P
30V N-Channel MOSFET
TSM4872 TSC-TSM4872_09 Datasheet
243Kb / 6P
30V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4490 WHXPCB-AO4490 Datasheet
2Mb / 6P
30V N-Channel MOSFET
AO4498 WHXPCB-AO4498 Datasheet
2Mb / 6P
30V N-Channel MOSFET
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com