Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP Datasheet (PDF) - Bourns Electronic Solutions

PSP Datasheet PDF - Bourns Electronic Solutions
Part # PSP
Download  PSP Download
File Size   464.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Motorized Master Slide Potentiometer

PSP Datasheet (PDF)

Go To PDF Page Download Datasheet
PSP Datasheet PDF - Bourns Electronic Solutions

Part # PSP
Download  PSP Click to download

File Size   464.68 Kbytes
Page   2 Pages
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions
Description Motorized Master Slide Potentiometer

PSP Datasheet (HTML) - Bourns Electronic Solutions




Similar Part No. - PSP

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSP POWERBOX-PSP Datasheet
48Kb / 1P
2 0 0 WAT T P R O G R A M A B L E S W I T C H I N G
logo
YAGEO Corporation
PSP YAGEO-PSP Datasheet
1Mb / 8P
Fiberglass Cement Resistors
Nov. 29, 2024 V.2
logo
Total Power Internation...
PSP-1000 TOTAL-POWER-PSP-1000 Datasheet
361Kb / 2P
1000W Single Output with PFC Function
logo
Astrodyne Corporation
PSP-1000 ASTRODYNE-PSP-1000 Datasheet
438Kb / 2P
1000W Single Output with PFC Function
logo
Mean Well Enterprises C...
PSP-1000 MEANWELL-PSP-1000 Datasheet
362Kb / 2P
1000W Single Output with PFC Function
More results


Similar Description - PSP

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTA BOURNS-PTA Datasheet
223Kb / 2P
Low Profile Slide Potentiometer
PRM16 BOURNS-PRM16 Datasheet
207Kb / 2P
16 mm Motorized Potentiometer
PSM01-082A-103B2 BOURNS-PSM01-082A-103B2 Datasheet
368Kb / 3P
PSM Series Motorized Slide Potentiometer
logo
Bi technologies
PS100-1 BITECH-PS100-1 Datasheet
101Kb / 3P
Slide Potentiometer
PS45G BITECH-PS45G Datasheet
110Kb / 4P
Slide Potentiometer
PS30M BITECH-PS30M Datasheet
168Kb / 6P
Slide Potentiometer
PS30 BITECH-PS30 Datasheet
102Kb / 4P
Slide Potentiometer
logo
Bourns Electronic Solut...
SMLJ12A-Q BOURNS-SMLJ12A-Q Datasheet
838Kb / 3P
Motorized Master Slide Potentiometer
logo
SHINMEI ELECTRIC CO., L...
SLR-1-10101B SHINMEI-SLR-1-10101B Datasheet
140Kb / 3P
SLIDE POTENTIOMETER
logo
TT Electronics.
PSM050S-10B10KB TTELEC-PSM050S-10B10KB Datasheet
376Kb / 3P
Miniature Slide Potentiometer
12/2021
More results




About Bourns Electronic Solutions


Bourns Electronic Solutions is a company that provides electronic components, modules, and solutions for a variety of industries, including automotive, telecommunications, industrial, medical, and consumer electronics.

The company offers a wide range of products such as resistors, potentiometers, sensors, circuit protection components, magnetic products, and more. Bourns' products are designed to help customers solve challenges related to power management, signal conditioning, and circuit protection.

Bourns was founded in 1947 and is headquartered in Riverside, California, USA. The company has manufacturing facilities, sales offices, and distribution centers located throughout the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com