Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSP Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PSP
Description  Motorized Master Slide Potentiometer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PSP Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PSP Datasheet HTML 1Page - Bourns Electronic Solutions PSP Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A=+
1
3
Motor
3
1
B=+
B
-+
A
+-
OR
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
PSP Series Motorized Master Slide Potentiometer
Applications
■
Audio mixing consoles
■
Broadcast mixing consoles
■
Light mixing consoles
3
2
1
Schematics
Motor
Line Track (R1)
Touch Sense Track
Servo Track (R2)
T
3'
1'
2'
Term."3"
Term."1"
Travel
Servo Track (1B)
(%)
0
0
10
20
30
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
2 ± 1
(0.08 ± 0.04)
2 ± 1
(0.08 ± 0.04)
Servo Track Output Chart
Tapers
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
A Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05A);A1
(10A);A2
(15A);A3
(20A);A4
(25A);A5
(30A);A6
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
B Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(5B);B5
010
10
20
20
30
30
40
40
50
50
60
60
70
70
80
80
90
90
100
100
C Series Tapers
Terminal 1
Terminal 3
Rotational Travel (%)
(05C);C1
(10C);C2
(15C);C3
(20C);C4
(25C);C5
(30C);C6
0
1/17



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com