Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA12 Datasheet (PDF) - Taoglas antenna solutions

PA12 Datasheet PDF - Taoglas antenna solutions
Part # PA12
Download  PA12 Download
File Size   1006.67 Kbytes
Page   19 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description 2.4GHz Band Dielectric Ceramic PIFA SMT Antenna

PA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA12 Datasheet PDF - Taoglas antenna solutions

Part # PA12
Download  PA12 Click to download

File Size   1006.67 Kbytes
Page   19 Pages
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions
Description 2.4GHz Band Dielectric Ceramic PIFA SMT Antenna

PA12 Datasheet (HTML) - Taoglas antenna solutions


PA12 Product details

Introduction
This specification covers the Dielectric PIFA Antenna for 2400-2484MHz, covering such applications as Wi-Fi, Bluetooth and Zigbee. A ceramic dielectric   
PIFA antenna offers smallest footprint, superior gain characteristics and improved isolation over traditional PCB based antennas. This antenna has been developed for the top left hand corner edge of the component side of the Board (bottom right corner edge), the antenna has to be positioned on a non-ground (copper/metal free) area with the feed-point matched direct to the module. Please refer to Recommended Foot print Diagram (8.0 Page 13.).
   
Description :
    2400-2484Mhz, 1.5dBi Peak Gain
    Size: 10mm*4mm*3mm
    Designed for the top left hand corner
    edge of the Component side of the board
    (bottom right corner edge)
    SMT Mount
    RoHS Compliant
   




Similar Part No. - PA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12 APEX-PA12 Datasheet
215Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
326Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
202Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA12 ETC2-PA12 Datasheet
565Kb / 5P
Power Operational Amplifier
PA120T ETC2-PA120T Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results


Similar Description - PA12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA11 ETC2-PA11 Datasheet
869Kb / 18P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PA22A ETC2-PA22A Datasheet
1Mb / 21P
GSM Dielectric PIFA Antenna
logo
Taoglas antenna solutio...
PA22A TAOGLAS-PA22A Datasheet
1Mb / 19P
Tri-band Cellular Dielectric PIFA Antenna
PA11 TAOGLAS-PA11 Datasheet
1Mb / 19P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna for Bluetooth/WLAN/Zigbee Applications
PA.22A TAOGLAS-PA.22A_17 Datasheet
1Mb / 19P
TRI-BAND CELLULAR DIELECTRIC PIFA ANTENNA
logo
Molex Electronics Ltd.
0479480001 MOLEX-0479480001_V01 Datasheet
49Kb / 1P
2.4GHz SMT MID Chip Antenna
2065130001 MOLEX-2065130001 Datasheet
40Kb / 1P
2.4GHz SMT Ceramic Antenna, 3.00mm by 3.00mm
2065140001 MOLEX-2065140001 Datasheet
38Kb / 1P
2.4GHz / 5GHz SMT Ceramic Antenna, 4.00mm by 3.00mm
2119640001 MOLEX-2119640001 Datasheet
39Kb / 1P
2.4GHz / 5GHz Ceramic Loop SMT Antenna
logo
Pulse A Technitrol Comp...
W3613 PULSE-W3613 Datasheet
1Mb / 14P
2.4GHz SMT PIFA Antenna
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com