Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA12 Datasheet (PDF) - Cirrus Logic

PA12 Datasheet PDF - Cirrus Logic
Part # PA12
Download  PA12 Download
File Size   215.23 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA12 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA12 Datasheet PDF - Cirrus Logic

Part # PA12
Download  PA12 Click to download

File Size   215.23 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA12 Datasheet (HTML) - Cirrus Logic


PA12 Product details

DESCRIPTION
The PA12 is a state of the art high voltage, very high output current operational amplifer designed to drive resistive, inductive and capacitive loads. For optimum linearity, especially at low levels, the output stage is biased for class A/B operation using a thermistor compensated base-emitter voltage multiplier circuit.
   
FEATURES
• LOW THERMAL RESISTANCE — 1.4°C/W
• CURRENT FOLDOVER PROTECTION — NEW
• HIGH TEMPERATURE VERSION — PA12H
• EXCELLENT LINEARITY — Class A/B Output
• WIDE SUPPLY RANGE — ±10V to ±50V
• HIGH OUTPUT CURRENT — Up to ±15A Peak
   
APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 10A
• POWER TRANSDUCERS UP TO 100kHz
• TEMPERATURE CONTROL UP TO 360W
• PROGRAMMABLE POWER SUPPLIES UP TO 90V
• AUDIO AMPLIFIERS UP TO 120W RMS
   




Similar Part No. - PA12

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA12 CIRRUS-PA12 Datasheet
326Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA12 CIRRUS-PA12 Datasheet
202Kb / 5P
Power Operational Amplifier
logo
List of Unclassifed Man...
PA12 ETC2-PA12 Datasheet
565Kb / 5P
Power Operational Amplifier
logo
Taoglas antenna solutio...
PA12 TAOGLAS-PA12 Datasheet
1,006Kb / 19P
2.4GHz Band Dielectric Ceramic PIFA SMT Antenna
logo
List of Unclassifed Man...
PA120T ETC2-PA120T Datasheet
80Kb / 4P
PA and PB Series Panel Protection Devices
More results


Similar Description - PA12

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com