Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA84 Datasheet (PDF) - Cirrus Logic

PA84 Datasheet PDF - Cirrus Logic
Part # PA84
Download  PA84 Download
File Size   210.41 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifiers

PA84 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA84 Datasheet PDF - Cirrus Logic

Part # PA84
Download  PA84 Click to download

File Size   210.41 Kbytes
Page   5 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description Power Operational Amplifiers

PA84 Datasheet (HTML) - Cirrus Logic


PA84 Product details

DESCRIPTION
The PA84 is a high voltage operational amplifier designed for output voltage swings up to ±145V with a dual supply or 290V with a single supply. Two versions are available. The new PA84S, fast settling amplifier can absorb differential input overvoltages up to ±50V while the established PA84 and PA84A can handle differential input overvoltages of up to ±300V. Both versions are protected against common mode transients and overvoltages up to the supply rails. High accuracy is achieved with a cascode input circuit configuration. All internal biasing is referenced to a zener diode fed by a FET constant current source. As a result, the PA84 features an unprecedented supply range and excellent supply rejection. The output stage is biased-on for linear operation.

FEATURES
• HIGH SLEW RATE — 200V/µs
• FAST SETTLING TIME — .1% in 1µs (PA84S)
• FULLY PROTECTED INPUT — Up to ±150v
• LOW BIAS CURRENT, LOW NOISE — FET Input
• WIDE SUPPLY RANGE — ±15V to ±150V

APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• ELECTROSTATIC TRANSDUCERS & DEFLECTION
• PROGRAMMABLE POWER SUPPLIES UP TO 290V
• ANALOG SIMULATORS




Similar Part No. - PA84

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA84 APEX-PA84 Datasheet
77Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Fuji Electric
PA847C04 FUJI-PA847C04 Datasheet
63Kb / 3P
Schottky barrier diode
logo
Cirrus Logic
PA84A APEX-PA84A Datasheet
77Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA84M CIRRUS-PA84M Datasheet
156Kb / 2P
Table 4 Group A Inspection
PA84M/883 CIRRUS-PA84M/883 Datasheet
156Kb / 2P
Table 4 Group A Inspection
More results


Similar Description - PA84

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com