Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA02 Datasheet (PDF) - Cirrus Logic

PA02 Datasheet PDF - Cirrus Logic
Part # PA02
Download  PA02 Download
File Size   262.16 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA02 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA02 Datasheet PDF - Cirrus Logic

Part # PA02
Download  PA02 Click to download

File Size   262.16 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description POWER OPERATIONAL AMPLIFIERS

PA02 Datasheet (HTML) - Cirrus Logic


PA02 Product details

description
The PA02 and PA02A are wideband, high output current operational amplifers designed to drive resistive, inductive and capacitive loads. Their complementary “collector output” stage can swing close to the supply rails and is protected against inductive kickback. For optimum linearity, the output stage is biased for class A/B operation. The safe operating area (SOA) can be observed for all operating conditions by selection of user programmable, current limiting resistors (down to 10mA). Both amplifers are internally compensated but are not recommended for use as unity gain followers. For continuous operation under load, mounting on a heatsink of proper rating is recommended.
These hybrid integrated circuits utilize thick flm (cermet) resistors, ceramic capacitors and semiconductor chips to maximize reliability, minimize size and give top performance. Ultrasonically bonded aluminum wires provide reliable interconnections at all operating temperatures. The 8-pin TO-3 package is hermetically sealed and electrically isolated. Isolation washers are not recommended. The use of compress ible thermal washers and/or improper mounting torque will void the product warranty. Please see “General Operating Considerations”

FEATURES
• HIGH POWER BANDWIDTH — 350KHz
• HIGH SLEW RATE — 20V/µs
• FAST SETTLING TIME — 600ns
• LOW CROSSOVER DISTORTION — Class A/B
• LOW INTERNAL LOSSES — 1.2V at 2A
• HIGH OUTPUT CURRENT — ±5A PEAK
• LOW INPUT BIAS CURRENT — FET Input
• ISOLATED CASE — 300 VDC

APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 5A
• POWER TRANSDUCERS UP TO 350 kHz
• AUDIO AMPLIFIERS UP TO 30W RMS




Similar Part No. - PA02

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 CIRRUS-PA02 Datasheet
373Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA02 CIRRUS-PA02 Datasheet
206Kb / 5P
Power Operational Amplifiers
logo
Proto Advantage SMD Ada...
PA0200 PROTOADVANTAGE-PA0200 Datasheet
45Kb / 1P
PQFP-100 to PGA-100 SMT Adapter (0.65 mm pitch, 14 x 20 mm body)
revision 1.0
logo
Polymaker Industrial
PA02001 POLYMAKER-PA02001 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02002 POLYMAKER-PA02002 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
More results


Similar Description - PA02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com