Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA34 Datasheet (PDF) - List of Unclassifed Manufacturers

PA34 Datasheet PDF - List of Unclassifed Manufacturers
Part # PA34
Download  PA34 Download
File Size   66.32 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER OPERATIONAL AMPLIFIERS

PA34 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA34 Datasheet PDF - List of Unclassifed Manufacturers

Part # PA34
Download  PA34 Click to download

File Size   66.32 Kbytes
Page   5 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description POWER OPERATIONAL AMPLIFIERS

PA34 Datasheet (HTML) - List of Unclassifed Manufacturers


PA34 Product details

[Apex]

DESCRIPTION
The PA34 consist of a monolithic power op amp in a 7-pin T0220 package.
The wide common mode input range includes the negative rail, facilitating single supply applications. It is possible to have a “ground based” input driving a single supply amplifi er with ground acting as the “second” or “bottom” supply of the amplifier.
The output stage is also well protected. They possess internal current limit circuits. While the device is well protected, the Safe Operating Area (SOA) curve must be observed.
Proper heatsinking is required for maximum reliability.
The tab of the 7 pin plastic package is tied to –VS.

FEATURES
• LOW COST
• WIDE COMMON MODE RANGE —
   Includes negative supply
• WIDE SUPPLY VOLTAGE RANGE
   Single supply: 5V to 40V
   Split supplies: ±2.5V to ±20V
• HIGH EFFICIENCY — |Vs–2.2V| at 2.5A typ
• HIGH OUTPUT CURRENT — 2.5A min
• INTERNAL CURRENT LIMIT
• LOW DISTORTION

APPLICATIONS
• HALF & FULL BRIDGE MOTOR DRIVERS
• AUDIO POWER AMPLIFIER
   STEREO — 18W RMS per channel
   BRIDGE — 36W RMS per package
• IDEAL FOR SINGLE SUPPLY SYSTEMS
   5V — Peripherals
   12V — Automotive
   28V — Avionic




Similar Part No. - PA34

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA340 APEX-PA340 Datasheet
497Kb / 7P
High Voltage Power Operational Amplifier
OCT 2013
PA340CC APEX-PA340CC Datasheet
497Kb / 7P
High Voltage Power Operational Amplifier
OCT 2013
logo
Unisonic Technologies
PA3427 UTC-PA3427 Datasheet
256Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427G-N24-R UTC-PA3427G-N24-R Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
More results


Similar Description - PA34

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
Cirrus Logic
PA02 APEX-PA02 Datasheet
262Kb / 4P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com