Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA340CC Datasheet (PDF) - Cirrus Logic

PA340CC Datasheet PDF - Cirrus Logic
Part # PA340CC
Download  PA340CC Download
File Size   497.12 Kbytes
Page   7 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description High Voltage Power Operational Amplifier

PA340CC Datasheet (PDF)

Go To PDF Page Download Datasheet
PA340CC Datasheet PDF - Cirrus Logic

Part # PA340CC
Download  PA340CC Click to download

File Size   497.12 Kbytes
Page   7 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description High Voltage Power Operational Amplifier

PA340CC Datasheet (HTML) - Cirrus Logic


PA340CC Product details

FEATURES
♦ RoHS COMPLIANT
♦ MONOLITHIC MOS TECHNOLOGY
♦ LOW COST
♦ HIGH VOLTAGE OPERATION – 350V
♦ LOW QUIESCENT CURRENT TYP. – 2.2mA
♦ NO SECOND BREAKDOWN
♦ HIGH OUTPUT CURRENT – 120 mA PEAK
APPLICATIONS
♦ TELEPHONE RING GENERATOR
♦ PIEZO ELECTRIC POSITIONING
♦ ELECTROSTATIC TRANSDUCER &
DEFLECTION
♦ DEFORMABLE MIRROR FOCUSING
♦ PACKAGING OPTIONS
7-pin DDPAK Surface Mount Package (PA340CC)
DESCRIPTION
The PA340 is a high voltage monolithic MOSFET operational
amplifier achieving performance features previously
found only in hybrid designs while increasing reliability.
Inputs are protected from excessive common
mode and differential mode voltages. The safe operating
area (SOA) has no second breakdown limitations.
External compensation provides the user flexibility in
choosing optimum gain and bandwidth for the application.
The surface mount package of the PA340CC is an industry
standard non-hermetic plastic 7-pin DDPAK.




Similar Part No. - PA340CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Unisonic Technologies
PA3427 UTC-PA3427 Datasheet
256Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427G-N24-R UTC-PA3427G-N24-R Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3427 UTC-PA3427_15 Datasheet
270Kb / 7P
2W STEREO AUDIO AMPLIFIER
PA3428 UTC-PA3428 Datasheet
424Kb / 9P
2W STEREO AUDIO AMPLIFIER
More results


Similar Description - PA340CC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com