Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA95 Datasheet (PDF) - Cirrus Logic

PA95 Datasheet PDF - Cirrus Logic
Part # PA95
Download  PA95 Download
File Size   62.99 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER

PA95 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA95 Datasheet PDF - Cirrus Logic

Part # PA95
Download  PA95 Click to download

File Size   62.99 Kbytes
Page   4 Pages
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic
Description HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER

PA95 Datasheet (HTML) - Cirrus Logic


PA95 Product details

DESCRIPTION
The PA95 is a high voltage, MOSFET operational amplifier designed as a low cost solution for driving continuous output currents up to 100mA and pulse currents up to 200mA into capacitive loads. The safe operating area (SOA) has no second breakdown limitations and can be observed for all load types by choosing an appropriate current limiting resistor. The MOSFET output stage is biased AB for linear operation. External compensation provides flexibility in choosing bandwidth and slew rate for the application. APEX’s Power SIP04 package uses a minimum of board space allowing for high density circuit boards.

FEATURES
• HIGH VOLTAGE — 900V (±450V)
• LOW QUIESCENT CURRENT — 1.6mA
• HIGH OUTPUT CURRENT — 100mA
• PROGRAMMABLE CURRENT LIMIT

APPLICATIONS
• HIGH VOLTAGE INSTRUMENTATION
• PROGRAMMABLE POWER SUPPLIES UP TO ±430V
• MASS SPECTROMETERS
• SEMICONDUCTOR MEASUREMENT EQUIPMENT




Similar Part No. - PA95

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA95 CIRRUS-PA95 Datasheet
454Kb / 6P
High Voltage Power Operational Amplifiers
PA95 CIRRUS-PA95 Datasheet
206Kb / 6P
High Voltage Power Operational Amplifiers
PA95 CIRRUS-PA95 Datasheet
661Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA95 ETC2-PA95 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
PA951 ETC2-PA951 Datasheet
122Kb / 1P
P-Series Pushbutton Switches
More results


Similar Description - PA95

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA92 APEX-PA92 Datasheet
243Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA44 ETC-PA44 Datasheet
66Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA40 ETC1-PA40 Datasheet
64Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA240 APEX-PA240 Datasheet
384Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA243 APEX-PA243 Datasheet
461Kb / 5P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA46 APEX-PA46 Datasheet
68Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA140 APEX-PA140 Datasheet
76Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
High Voltage Power Operational Amplifier
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
High Voltage Power Operational Amplifier
More results




About Cirrus Logic


Cirrus Logic is a fabless semiconductor company based in Austin, Texas that specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for audio, industrial, and energy markets. The company was founded in 1984 and has since become a leading provider of high-performance audio ICs for a variety of applications.

Cirrus Logic's products are used in a wide range of audio applications, including portable audio devices, automotive audio systems, and home theater systems. The company's audio ICs are known for their high quality, low power consumption, and advanced signal processing capabilities, and are used by customers around the world.

In addition to its audio ICs, Cirrus Logic also offers a range of ICs for industrial and energy markets, including motor control, power management, and LED lighting applications. The company has a strong focus on research and development, and is committed to developing innovative new products that meet the evolving needs of its customers.

Cirrus Logic has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 60 countries worldwide. The company is committed to providing high-quality products and services to its customers, and has received numerous awards for its technology and innovation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com