Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA95 Datasheet (PDF) - Cirrus Logic

PA95 Datasheet PDF - Cirrus Logic
Part # PA95
Download  PA95 Download
File Size   454.81 Kbytes
Page   6 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA95 Datasheet (PDF)

Go To PDF Page Download Datasheet
PA95 Datasheet PDF - Cirrus Logic

Part # PA95
Download  PA95 Click to download

File Size   454.81 Kbytes
Page   6 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description High Voltage Power Operational Amplifiers

PA95 Datasheet (HTML) - Cirrus Logic


PA95 Product details

DESCRIPTION
The PA95 is a high voltage, MOSFET operational amplifer designed as a low cost solution for driving continuous output currents up to 100mA and pulse currents up to 200mA into capacitive loads. The safe operating area (SOA) has no second breakdown limitations and can be observed for all load types by choosing an appropriate current limiting resistor. The MOSFET output stage is biased AB for linear operation. External compensation provides flexibility in choosing bandwidth and slew rate for the application. APEX’s Power SIP package uses a minimum of board space allowing for high density circuit boards. The Power SIP package is electrically isolated. Isolating thermal washers (TW13) are recommended to prevent arcing from pins to heatsink.

FEATURES
♦ HIGH VOLTAGE — 900V (±450V)
♦ LOW QUIESCENT CURRENT — 1.6mA
♦ HIGH OUTPUT CURRENT — 100mA
♦ PROGRAMMABLE CURRENT LIMIT

APPLICATIONS
♦ HIGH VOLTAGE INSTRUMENTATION
♦ PROGRAMMABLE POWER SUPPLIES UP TO ±430V
♦ MASS SPECTROMETERS
♦ SEMICONDUCTOR MEASUREMENT  EQUIPMENT




Similar Part No. - PA95

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA95 APEX-PA95 Datasheet
62Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA95 CIRRUS-PA95 Datasheet
206Kb / 6P
High Voltage Power Operational Amplifiers
PA95 CIRRUS-PA95 Datasheet
661Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA95 ETC2-PA95 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
PA951 ETC2-PA951 Datasheet
122Kb / 1P
P-Series Pushbutton Switches
More results


Similar Description - PA95

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA81J APEX-PA81J Datasheet
260Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA94 APEX-PA94 Datasheet
224Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA93 CIRRUS-PA93 Datasheet
482Kb / 6P
High Voltage Power Operational Amplifiers
PA15FL APEX-PA15FL Datasheet
275Kb / 4P
HIGH VOLTAGE POWER OPERATIONAL AMPLIFIERS
PA15FL CIRRUS-PA15FL Datasheet
197Kb / 5P
High Voltage Power Operational Amplifiers
PA60 CIRRUS-PA60 Datasheet
159Kb / 4P
High Voltage Power Operational Amplifiers
PA83 CIRRUS-PA83 Datasheet
205Kb / 5P
High Voltage Power Operational Amplifiers
PA94 CIRRUS-PA94_09 Datasheet
208Kb / 6P
High Voltage Power Operational Amplifiers
logo
List of Unclassifed Man...
PA92 ETC2-PA92_17 Datasheet
554Kb / 1P
High Voltage Power Operational Amplifiers
PA95 ETC2-PA95_17 Datasheet
621Kb / 6P
High Voltage Power Operational Amplifiers
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com