Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PA02 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA02
Description  POWER OPERATIONAL AMPLIFIERS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA02 Datasheet(HTML) 1 Page - Cirrus Logic

  PA02 Datasheet HTML 1Page - Cirrus Logic PA02 Datasheet HTML 2Page - Cirrus Logic PA02 Datasheet HTML 3Page - Cirrus Logic PA02 Datasheet HTML 4Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• HIGH POWER BANDWIDTH — 350kHz
• HIGH SLEW RATE — 20V/µs
• FAST SETTLING TIME — 600ns
• LOW CROSSOVER DISTORTION — Class A/B
• LOW INTERNAL LOSSES — 1.2V at 2A
• HIGH OUTPUT CURRENT — ±5A PEAK
• LOW INPUT BIAS CURRENT — FET Input
• ISOLATED CASE — 300 VDC
APPLICATIONS
• MOTOR, VALVE AND ACTUATOR CONTROL
• MAGNETIC DEFLECTION CIRCUITS UP TO 5A
• POWER TRANSDUCERS UP TO 350 kHz
• AUDIO AMPLIFIERS UP TO 30W RMS
DESCRIPTION
The PA02 and PA02A are wideband, high output current
operational amplifiers designed to drive resistive, inductive
and capacitive loads. Their complementary “collector output”
stage can swing close to the supply rails and is protected
against inductive kickback. For optimum linearity, the output
stage is biased for class A/B operation. The safe operating
area (SOA) can be observed for all operating conditions by
selection of user programmable, current limiting resistors
(down to 10mA). Both amplifiers are internally compensated
but are not recommended for use as unity gain followers. For
continuous operation under load, mounting on a heatsink of
proper rating is recommended.
These hybrid integrated circuits utilize thick film (cermet)
resistors, ceramic capacitors and semiconductor chips to
maximize reliability, minimize size and give top performance.
Ultrasonically bonded aluminum wires provide reliable inter-
connections at all operating temperatures. The 8-pin TO-3
package is hermetically sealed and electrically isolated. Iso-
lation washers are not recommended. The use of compress-
ible thermal washers and/or improper mounting torque will
void the product warranty. Please see “General Operating
Considerations”.
EQUIVALENT SCHEMATIC
TYPICAL APPLICATION
Vehicular Sound System Power Stage
LOW INTERNAL LOSS MAXIMIZES EFFICIENCY
When system voltages are low and power is at a premium,
the PA02 is a natural choice. The circuit above utilizes not only
the feature of low internal loss of the PA02, but also its very
low distortion level to implement a crystal clear audio amplifier
suitable even for airborne applications. This circuit uses AC
coupling of both the input signal and the gain circuit to render
DC voltage across the speaker insignificant. The resistor and
capacitor across the inputs form a stability enhancement net-
work. The 0.27 ohm current limit resistors provide protection
in the event of an output short circuit.
EXTERNAL CONNECTIONS
���
����
����
����
����
����
����
���
���
���
�����
�����
���
������
����
��
��
����
����
��������
�
�
�
�
�
�
�
�
���
���
���
���
���
���
���
���
�
�
�
�
�
�
�
�
��
��
��
��
��
��
��
���
���
���
���
���
���
��
��
��
��
��
��
��
��
��
��
��
��
��
��������������������������������������������������������������
� � � � � � � � � � � � � � �
����������������������������
������������
8-PIN TO-3
PACKAGE STYLE CE


Similar Part No. - PA02

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA02 CIRRUS-PA02 Datasheet
373Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA02 CIRRUS-PA02 Datasheet
206Kb / 5P
Power Operational Amplifiers
logo
Proto Advantage SMD Ada...
PA0200 PROTOADVANTAGE-PA0200 Datasheet
45Kb / 1P
PQFP-100 to PGA-100 SMT Adapter (0.65 mm pitch, 14 x 20 mm body)
revision 1.0
logo
Polymaker Industrial
PA02001 POLYMAKER-PA02001 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
PA02002 POLYMAKER-PA02002 Datasheet
143Kb / 2P
PolyLite™ PLA
Nov. 2018 Version 4.0
More results

Similar Description - PA02

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM759 NSC-LM759 Datasheet
207Kb / 14P
Power Operational Amplifiers
logo
List of Unclassifed Man...
PA34 ETC-PA34 Datasheet
66Kb / 5P
POWER OPERATIONAL AMPLIFIERS
logo
Fairchild Semiconductor
UA759 FAIRCHILD-UA759 Datasheet
489Kb / 12P
POWER OPERATIONAL AMPLIFIERS
logo
Cirrus Logic
PA79 APEX-PA79 Datasheet
310Kb / 4P
POWER OPERATIONAL AMPLIFIERS
PA61 CIRRUS-PA61 Datasheet
340Kb / 5P
POWER OPERATIONAL AMPLIFIERS
PA84 CIRRUS-PA84 Datasheet
210Kb / 5P
Power Operational Amplifiers
PA16 CIRRUS-PA16_09 Datasheet
349Kb / 7P
Power Operational Amplifiers
PA97DR_0912 CIRRUS-PA97DR_0912 Datasheet
582Kb / 6P
Power Operational Amplifiers
PA107DP CIRRUS-PA107DP_10 Datasheet
892Kb / 7P
Power Operational Amplifiers
PA162 APEX-PA162_10 Datasheet
789Kb / 6P
Power Operational Amplifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com