Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G571 Datasheet (PDF) - List of Unclassifed Manufacturers

G571 Datasheet PDF - List of Unclassifed Manufacturers
Part # G571
Download  G571 Download
File Size   151.78 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Slot PCMCIA/CardBus Power Controllers

G571 Datasheet (PDF)

Go To PDF Page Download Datasheet
G571 Datasheet PDF - List of Unclassifed Manufacturers

Part # G571
Download  G571 Click to download

File Size   151.78 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Single-Slot PCMCIA/CardBus Power Controllers

G571 Datasheet (HTML) - List of Unclassifed Manufacturers


G571 Product details

[GMT]

Description
The G571 PC Card power-interface switch provides an integrated power-management solution for a single PC Cards. All of the discrete power MOSFETs, a logic section, current limiting, and thermal protection for PC Card control are combined on a single integrated circuit. The circuit allows the distribution of 3.3V, 5V, and/or 12V card power, and is compatible with many PCMCIA controllers. The current-limiting feature eliminates the need for fuses, which reduces component count and improves reliability. Current-limit reporting can help the user isolate a system fault to the PC Card.
The G571 features a 3.3V low voltage mode that allows for 3.3V switching without the need for 5V. Bias power can be derived from either the 3.3V or 5V inputs. This facilitates low-power system designs such as sleep mode and pager mode where only 3.3V is available.
End equipment for the G571 includes notebook computers, desktop computers, personal digital assistants (PDAs), digital cameras and bar-code scanners.

Features
■ Fully Integrated VCC and VPP Switching for Single-Slot PC CardTM Interface
■ Low rDS(on) (180-mΩ 5V VCC Switch and 3.3V VCC Switch)
■ Compatible With Controllers From Cirrus, Ricoh, O2Micro, Intel, and Texas Instruments
■ 3.3V Low-Voltage Mode
■ Meets PC Card Standards
■ 12V Supply Can Be Disabled Except During 12V Flash Programming
■ Short Circuit and Thermal Protection
■ Space-Saving 16 Pin SSOP
■ Compatible With 3.3V, 5V, and 12V PC Cards
■ Break-Before-Make Switching

Application
■ Notebook PC
■ Electronic Dictionary
■ Personal Digital Assistance
■ Digital still Camera




Similar Part No. - G571

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5719 GMT-G5719 Datasheet
86Kb / 2P
1MHz, 2A Synchronous Step-Down Regulator
G5719B GMT-G5719B Datasheet
73Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
G5719C GMT-G5719C Datasheet
81Kb / 1P
1MHz, 3A Synchronous Step-Down Regulator
More results


Similar Description - G571

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A Datasheet
101Kb / 9P
PCMCIA/CardBus Socket Power Controller
logo
Texas Instruments
TPS2220A TI-TPS2220A Datasheet
447Kb / 29P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
TPS2223 TI-TPS2223 Datasheet
389Kb / 27P
DUAL-SLOT CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
logo
Global Mixed-mode Techn...
G570 GMT-G570 Datasheet
217Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
G576 GMT-G576 Datasheet
271Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controllers
G574 GMT-G574 Datasheet
330Kb / 14P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2562A MICREL-MIC2562A_04 Datasheet
110Kb / 12P
PCMCIA/CardBus Socket Power Controller
logo
Global Mixed-mode Techn...
G574 GMT-G574_06 Datasheet
357Kb / 16P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Micrel Semiconductor
MIC2563A MICREL-MIC2563A_04 Datasheet
105Kb / 12P
Dual-Slot PCMCIA/CardBus Power Controller
logo
Texas Instruments
TPS2220A TI1-TPS2220A_13 Datasheet
1Mb / 31P
CARDBUS POWER-INTERFACE SWITCHES FOR SERIAL PCMCIA CONTROLLERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com