Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93716 Datasheet (PDF) - Integrated Circuit Systems

ICS93716 Datasheet PDF - Integrated Circuit Systems
Part # ICS93716
Download  ICS93716 Download
File Size   89.76 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost DDR Phase Lock Loop Clock Driver

ICS93716 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93716 Datasheet PDF - Integrated Circuit Systems

Part # ICS93716
Download  ICS93716 Click to download

File Size   89.76 Kbytes
Page   12 Pages
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems
Description Low Cost DDR Phase Lock Loop Clock Driver

ICS93716 Datasheet (HTML) - Integrated Circuit Systems


ICS93716 Product details

Product Description/Features:
• Low skew, low jitter PLL clock driver
• I2C for functional and output control
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs

Switching Characteristics:
• PEAK - PEAK jitter (66MHz): <120ps
• PEAK - PEAK jitter (>100MHz): <75ps
• CYCLE - CYCLE jitter (>100MHz):<65ps
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time: 650ps - 950ps




Similar Part No. - ICS93716

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
More results


Similar Description - ICS93716

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
ICS93716 RENESAS-ICS93716 Datasheet
319Kb / 14P
Low Cost DDR Phase Lock Loop Clock Driver
2019
More results




About Integrated Circuit Systems


Integrated Circuit Systems (ICS) was an American company that specialized in the design and manufacture of timing and frequency control products.
The company was founded in 1980 and was headquartered in Norristown, Pennsylvania.
ICS was known for its expertise in timing and frequency control technology and its ability to deliver high-quality and reliable products for various applications such as computing, telecommunications, and industrial automation.
ICS provided a wide range of products including clock generators, clock buffers, clock synthesizers, and other timing and frequency control products.
In 2010, ICS was acquired by IDT (Integrated Device Technology), a leading provider of essential mixed-signal semiconductor solutions.
The ICS brand is no longer in use, but its technology and products continue to be a part of IDT's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com