Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93716 Datasheet (PDF) - Renesas Technology Corp

ICS93716 Datasheet PDF - Renesas Technology Corp
Part # ICS93716
Download  ICS93716 Download
File Size   319.59 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost DDR Phase Lock Loop Clock Driver

ICS93716 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS93716 Datasheet PDF - Renesas Technology Corp

Part # ICS93716
Download  ICS93716 Click to download

File Size   319.59 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Cost DDR Phase Lock Loop Clock Driver

ICS93716 Datasheet (HTML) - Renesas Technology Corp


ICS93716 Product details

Product Description/Features:
• Low skew, low jitter PLL clock driver
• I2C for functional and output control
• Feedback pins for input to output synchronization
• Spread Spectrum tolerant inputs
• Bypass mode on B revision only
Switching Characteristics:
• PEAK - PEAK jitter (66MHz): <75ps
• CYCLE - CYCLE jitter (>100MHz):<65ps
• OUTPUT - OUTPUT skew: <100ps
• Output Rise and Fall Time: 550ps - 950ps




Similar Part No. - ICS93716

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93716YF-T ICST-ICS93716YF-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93716YG-T ICST-ICS93716YG-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
More results


Similar Description - ICS93716

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com