Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93716 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ICS93716
Description  Low Cost DDR Phase Lock Loop Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93716 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ICS93716 Datasheet HTML 1Page - Renesas Technology Corp ICS93716 Datasheet HTML 2Page - Renesas Technology Corp ICS93716 Datasheet HTML 3Page - Renesas Technology Corp ICS93716 Datasheet HTML 4Page - Renesas Technology Corp ICS93716 Datasheet HTML 5Page - Renesas Technology Corp ICS93716 Datasheet HTML 6Page - Renesas Technology Corp ICS93716 Datasheet HTML 7Page - Renesas Technology Corp ICS93716 Datasheet HTML 8Page - Renesas Technology Corp ICS93716 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
ICS93716
0420H—09/10/08
Block Diagram
Low Cost DDR Phase Lock Loop Clock Driver
Pin Configuration
28-Pin SSOP and TSSOP
Recommended Application:
DDR Clock Driver
Product Description/Features:
Low skew, low jitter PLL clock driver
•I
2C for functional and output control
Feedback pins for input to output synchronization
Spread Spectrum tolerant inputs
Bypass mode on B revision only
Switching Characteristics:
PEAK - PEAK jitter (66MHz): <75ps
CYCLE - CYCLE jitter (>100MHz):<65ps
OUTPUT - OUTPUT skew: <100ps
Output Rise and Fall Time: 550ps - 950ps
Functionality
S
T
U
P
N
IS
T
U
P
T
U
O
e
t
a
t
S
L
L
P
D
D
V
AT
N
I
_
K
L
CC
N
I
_
K
L
CT
K
L
CC
K
L
CT
T
U
O
_
B
FC
T
U
O
_
B
F
V
5
.
2
)
m
o
n
(
LH
L
H
L
H
n
o
V
5
.
2
)
m
o
n
(
HL
H
L
H
L
n
o
V
5
.
2
)
m
o
n
(
z
H
M
0
2
<Z
Z
Z
Z
f
f
o
D
N
GL
H
L
H
L
H
f
f
o
/
d
e
s
s
a
p
y
B
D
N
GH
L
H
L
H
L
f
f
o
/
d
e
s
s
a
p
y
B
FB_INT
FB_INC
CLK_INC
CLK_INT
SCLK
SDATA
Control
Logic
FB_OUTT
FB_OUTC
CLKT0
CLKT1
CLKT2
CLKT3
CLKT4
CLKT5
CLKC0
CLKC1
CLKC2
CLKC3
CLKC4
CLKC5
PLL
CLKC0
CLKT0
VDD
CLKT1
CLKC1
GND
SCLK
CLK_INT
CLK_INC
VDDA
GND
VDD
CLKT2
CLKC2
GND
CLKC5
CLKT5
CLKC4
CLKT4
VDD
SDATA
FBINC
FBINT
FB_OUTT
FB_OUTC
CLKT3
CLKC3
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15


Similar Part No. - ICS93716

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93716YF-T ICST-ICS93716YF-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93716YG-T ICST-ICS93716YG-T Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
More results

Similar Description - ICS93716

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS93V850 ICST-ICS93V850 Datasheet
167Kb / 8P
DDR Phase Lock Loop Clock Driver
ICS93716 ICST-ICS93716 Datasheet
89Kb / 12P
Low Cost DDR Phase Lock Loop Clock Driver
ICS93V855 ICST-ICS93V855 Datasheet
66Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842 ICST-ICS95V842 Datasheet
80Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
ICS93701 ICST-ICS93701 Datasheet
175Kb / 9P
DDR Phase Lock Loop Clock Driver
ICS95V842I ICST-ICS95V842I Datasheet
93Kb / 9P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
logo
Renesas Technology Corp
ICS93V855I RENESAS-ICS93V855I Datasheet
304Kb / 10P
DDR Phase Lock Loop Clock Driver
2019
ICS95V842 RENESAS-ICS95V842 Datasheet
263Kb / 10P
DDR Phase Lock Loop Clock Driver (60MHz - 220MHz)
2019
ICS95V850 RENESAS-ICS95V850 Datasheet
327Kb / 11P
DDR Phase Lock Loop Clock Driver (60MHz - 210MHz)
2019
ICS93701 RENESAS-ICS93701 Datasheet
3Mb / 9P
DDR Phase Lock Loop Clock Driver
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com