Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS93716 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # ICS93716
Description  Low Cost DDR Phase Lock Loop Clock Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICS93716 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button ICS93716 Datasheet HTML 2Page - Renesas Technology Corp ICS93716 Datasheet HTML 3Page - Renesas Technology Corp ICS93716 Datasheet HTML 4Page - Renesas Technology Corp ICS93716 Datasheet HTML 5Page - Renesas Technology Corp ICS93716 Datasheet HTML 6Page - Renesas Technology Corp ICS93716 Datasheet HTML 7Page - Renesas Technology Corp ICS93716 Datasheet HTML 8Page - Renesas Technology Corp ICS93716 Datasheet HTML 9Page - Renesas Technology Corp ICS93716 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
ICS93716
0420H—09/10/08
Notes:
1.
Refers to transition on noninverting output in PLL bypass mode.
2.
While the pulse skew is almost constant over frequency, the duty cycle error
increases at higher frequencies. This is due to the formula: duty cycle=twH/tc, were
the cycle (tc) decreases as the frequency goes up.
3.
Switching characteristics guaranteed for application frequency range.
4.
Static phase offset shifted by design.
Timing Requirements
TA = 0 - 85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V, RL = 120
Ω, CL=15pF (unless otherwise
PARAMETER
SYMBOL
CONDITIONS
MIN
MAX
UNITS
Max clock frequency
3
freqop
33
233
MHz
Application Frequency
Range
3
freqApp
60
170
MHz
Input clock duty cycle
dtin
40
60
%
CLK stabilization
TSTAB
100
µs
Switching Characteristics
TA = 0 - 85C; Supply Voltage AVDD, VDD = 2.5 V +/- 0.2V, RL = 120 , CL=15pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Low-to high level
propagation delay time
tPLH
1
CLK_IN to any output
5.5
ns
High-to low level propagation
delay time
tPHL
1
CLK_IN to any output
5.5
ns
Duty Cycle
DC
49
51
%
Input clock slew rate
tsl(I)
14
v/ns
Cycle to Cycle Jitter
1
tcyc-tcyc
100MHz < f < 170MHz
50
65
ps
Cycle to Cycle Jitter
1
tcyc-tcyc
f=66MHz
72
75
ps
Phase error
t(phase error)
4
-150
0
150
ps
Output to Output Skew
tskew
75
100
ps
Rise Time, Fall Time
tr, tf
See figure 8
550
950
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com