Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NP5034R Datasheet (PDF) - Naina Semiconductor ltd.

NP5034R Datasheet PDF - Naina Semiconductor ltd.
Part # NP5034R
Download  NP5034R Download
File Size   117.4 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description TVS Auto Rectifier, 50A

NP5034R Datasheet (PDF)

Go To PDF Page Download Datasheet
NP5034R Datasheet PDF - Naina Semiconductor ltd.

Part # NP5034R
Download  NP5034R Click to download

File Size   117.4 Kbytes
Page   2 Pages
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.
Description TVS Auto Rectifier, 50A

NP5034R Datasheet (HTML) - Naina Semiconductor ltd.




Similar Part No. - NP5034R

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP503 SHUNYE-NP503 Datasheet
235Kb / 2P
1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
Nell Semiconductor Co.,...
NP503 NELLSEMI-NP503 Datasheet
747Kb / 7P
Power Modules Passivated Assembled Circuit Elements
logo
NIHON DEMPA KOGYO
NP5032S NDK-NP5032S Datasheet
616Kb / 2P
Base-stations, GbEthernet, Optical transmission device, and Server
NP5032S NDK-NP5032S Datasheet
599Kb / 2P
Multi Mode Simple Packaged Crystal Oscillator
NP5032SA NDK-NP5032SA Datasheet
635Kb / 2P
Simple Packaged Crystal Oscillator (SPXO)
More results


Similar Description - NP5034R

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
C50A WTE-C50A Datasheet
23Kb / 2P
50A AUTOMOTIVER RECTIFIER CELL
logo
Littelfuse
SPLV2.8 LITTELFUSE-SPLV2.8 Datasheet
259Kb / 4P
SPLV2.8 Series 2.8V 50A TVS Array
logo
Digitron Semiconductors
MUR5005 DIGITRON-MUR5005 Datasheet
156Kb / 3P
50A SCHOTTKY RECTIFIER
logo
Naina Semiconductor ltd...
NP2520R NAINA-NP2520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
NP5020R NAINA-NP5020R Datasheet
117Kb / 2P
TVS Auto Rectifier, 50A
logo
YENYO TECHNOLOGY Co., L...
C15002 YENYO-C15002 Datasheet
662Kb / 2P
Auto Rectifier
logo
Fairchild Semiconductor
RHRG5060_F085 FAIRCHILD-RHRG5060_F085 Datasheet
416Kb / 6P
50A, 600V Hyperfast Rectifier
logo
Naina Semiconductor ltd...
NP2520 NAINA-NP2520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 25A
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
TVS Auto Rectifier, 35A
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com