Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMF4N60 Datasheet (PDF) - First Components International

FMF4N60 Datasheet PDF - First Components International
Part # FMF4N60
Download  FMF4N60 Download
File Size   783.1 Kbytes
Page   7 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 4A 600V N CHANNEL ISOLATED POWER MOSFET

FMF4N60 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMF4N60 Datasheet PDF - First Components International

Part # FMF4N60
Download  FMF4N60 Click to download

File Size   783.1 Kbytes
Page   7 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description 4A 600V N CHANNEL ISOLATED POWER MOSFET

FMF4N60 Datasheet (HTML) - First Components International




Similar Part No. - FMF4N60

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
FMF10N65 FCI-FMF10N65 Datasheet
386Kb / 7P
10Amps 650 Voltage N Channel MOSFET
FMF12N65 FCI-FMF12N65 Datasheet
378Kb / 7P
12Amps 650 Voltage N Channel MOSFET
FMF13N50 FCI-FMF13N50 Datasheet
469Kb / 7P
13Amps 500 Voltage N - Channel POWER MOSFET
logo
Power Integrations, Inc...
FMF750DC-66A POWERINT-FMF750DC-66A Datasheet
1Mb / 29P
Gate Driver for 1.2 kV to 3.3 kV Half-Bridge Power Modules Electrical I/O Interface
June 2019
logo
First Components Intern...
FMF7N60 FCI-FMF7N60 Datasheet
2Mb / 7P
7A 600V N CHANNEL ISOLATED POWER MOSFET
More results


Similar Description - FMF4N60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60 Datasheet
158Kb / 6P
600V, 4A N-Channel MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_11 Datasheet
376Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Advanced Monolithic Sys...
AMS4N60 AMS-AMS4N60 Datasheet
499Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Alpha & Omega Semicondu...
AOT4N60 AOSMD-AOT4N60_12 Datasheet
454Kb / 6P
600V,4A N-Channel MOSFET
logo
Estek Electronics Co. L...
ET4N60 ESTEK-ET4N60 Datasheet
325Kb / 8P
600V, 4A, N-Channel Power MOSFET
logo
Unisonic Technologies
4N60 UTC-4N60_14 Datasheet
408Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60K UTC-4N60K Datasheet
367Kb / 9P
4A, 600V N-CHANNEL POWER MOSFET
4N60Z UTC-4N60Z Datasheet
359Kb / 8P
4A, 600V N-CHANNEL POWER MOSFET
logo
Shenzhen Luguang Electr...
4N60P LUGUANG-4N60P Datasheet
937Kb / 4P
600V 4A N-Channel MOSFET
Revision:20170701-P1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com