Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591 Datasheet (PDF) - First Components International

FMMT591 Datasheet PDF - First Components International
Part # FMMT591
Download  FMMT591 Download
File Size   250.88 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Switching Transistor

FMMT591 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMMT591 Datasheet PDF - First Components International

Part # FMMT591
Download  FMMT591 Click to download

File Size   250.88 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description NPN Switching Transistor

FMMT591 Datasheet (HTML) - First Components International


FMMT591 Product details

FEATURES
   Power dissipation
      PCM: 0.5 W (Tamb=25℃)
   Collector current
      I CM: -1 A
   Collector-base voltage
      V (BR)CBO: -80 V
   Operating and storage junction temperature range
      TJ, Tstg: -55℃ to +150℃




Similar Part No. - FMMT591

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT591 ZETEX-FMMT591 Datasheet
130Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
FMMT591 BILIN-FMMT591 Datasheet
244Kb / 4P
PNP Silicon Epitaxial Planar Transistor
logo
Guangdong Kexin Industr...
FMMT591 KEXIN-FMMT591 Datasheet
35Kb / 1P
Medium Power Transistor
logo
Weitron Technology
FMMT591 WEITRON-FMMT591 Datasheet
239Kb / 4P
General Purpose Transistor PNP Silicon
logo
Rectron Semiconductor
FMMT591 RECTRON-FMMT591 Datasheet
318Kb / 3P
SOT-23 BIPOLAR TRANSISTORS TRANSISTOR(PNP)
More results


Similar Description - FMMT591

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
NPN Switching Transistor
logo
Solid States Devices, I...
SFT6800S.5 SSDI-SFT6800S.5_1 Datasheet
94Kb / 2P
NPN switching Transistor
logo
Galaxy Semi-Conductor H...
MMBT2222AT BILIN-MMBT2222AT Datasheet
184Kb / 4P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT2222AT-SOT-523 LUGUANG-MMBT2222AT-SOT-523 Datasheet
1Mb / 4P
NPN SWITCHING TRANSISTOR
logo
TT Electronics.
2N2369A TTELEC-2N2369A Datasheet
233Kb / 3P
NPN SWITCHING TRANSISTOR
logo
Shenzhen Luguang Electr...
MMBT3904 LUGUANG-MMBT3904 Datasheet
1Mb / 3P
NPN SWITCHING TRANSISTOR
logo
AiT Semiconductor Inc.
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com