Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT591 Datasheet(PDF) 3 Page - First Components International

Part # FMMT591
Description  NPN Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

FMMT591 Datasheet(HTML) 3 Page - First Components International

  FMMT591 Datasheet HTML 1Page - First Components International FMMT591 Datasheet HTML 2Page - First Components International FMMT591 Datasheet HTML 3Page - First Components International FMMT591 Datasheet HTML 4Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
1.3
2.4
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic=-
100µA, IE=0
-80
V
Collector-emitter breakdown voltage
V(BR)CEO
1
Ic=-
10mA, IB=0
-60
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-60V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB=-4V, IC=0
-0.1
µA
hFE(1)
VCE=-5V, IC=-1mA
100
hFE(2)
1
VCE=-5V, IC=-500mA
100
300
hFE(3)
1
VCE=-5V, IC=-1A
80
DC current gain
hFE(4)
1
VCE=-5V, IC=-2A
15
VCE(sat)1
1
IC=-500mA, IB=-50mA
-0.3
V
Collector-emitter saturation voltage
VCE(sat)2
1
IC=-1A, IB=-100mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
1
IC=-1A, IB=-100mA
-1.2
V
Base-emitter voltage
VBE
1
VCE=-5V, IC=-1A
-1
V
Transition frequency
fT
VCE=-10V,IC=-50mA,,f=100MHz
150
MHz
Collector output capacitance
Cob
VCB=-10V,f=1MHz
10
pF
1Measured under pulsed conditions, Pulse width=300µs, Duty cycle≤2%.
Unit: mm
SOT-23
Data Sheet
Collector-base voltage
V (BR)CBO:
-80
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
MARKING:591
FEATURES
Power dissipation
PCM: 0.5
W (Tamb=25
℃)
Collector current
I CM: -1
A
3.
COLLECTOR
2.
EMITTER
1.
BASE
FMMT591 PNP TRANSISTOR
Description
Mechanical Dimensions



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com