Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX2742 Datasheet (PDF) - Maxim Integrated Products

MAX2742 Datasheet PDF - Maxim Integrated Products
Part # MAX2742
Download  MAX2742 Download
File Size   573.68 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Chip Global Positioning System Receiver Front-End

MAX2742 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX2742 Datasheet PDF - Maxim Integrated Products

Part # MAX2742
Download  MAX2742 Click to download

File Size   573.68 Kbytes
Page   8 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Single-Chip Global Positioning System Receiver Front-End

MAX2742 Datasheet (HTML) - Maxim Integrated Products


MAX2742 Product details

General Description
The MAX2742 complete single-chip global positioning system (GPS) RF front-end utilizes many innovative and leading-edge RF CMOS design techniques. This high performance, state-of-the-art device consumes extremely low power and eliminates the need for costly SAW and bulky discrete IF filters. The MAX2742 incorporates a fully integrated low-noise amplifier (LNA) and mixer, IF section, digital sampler, and local oscillator synthesizer.

Features
♦ Complete Single-Chip GPS Front-End Receiver
♦ Single-Ended or Differential Outputs at 1.023MHz
♦ Low 4.5dB Typical Noise Figure
♦ No External IF SAW or Discrete Filters Required
♦ Very Low 32mW Power Consumption at +2.4V
♦ Wide +2.4V to +3.6V Operational Supply Voltage
   Range
♦ Extended -40°C to +85°C Temperature Range

Applications
   In-Vehicle Navigation Systems (IVNS)
   Location-Based Services (PDAs and Accessories)
   Recreational Handheld/Walkie Talkies
   Geographical Information Systems (GISs)
   Telematics (Vehicle, Asset Tracking, and Inventory Management)
   Emergency Roadside Assistance
   Emergency Response Systems
   Digital Cameras/Camcorders
   Consumer Electronics




Similar Part No. - MAX2742

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX274 MAXIM-MAX274 Datasheet
7Mb / 28P
4th- and 8th-Order Contnuous-Time Active Filters
Rev 3; 10/96
MAX2740 MAXIM-MAX2740 Datasheet
189Kb / 8P
Integrated GPS Receiver and Synthesizer
Rev 0; 4/00
MAX2740 MAXIM-MAX2740 Datasheet
384Kb / 8P
Evaluation Kit
Rev 0; 7/00
MAX2740ECM MAXIM-MAX2740ECM Datasheet
189Kb / 8P
Integrated GPS Receiver and Synthesizer
Rev 0; 4/00
MAX2740EVKIT MAXIM-MAX2740EVKIT Datasheet
384Kb / 8P
Evaluation Kit
Rev 0; 7/00
More results


Similar Description - MAX2742

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA1575HL PHILIPS-SAA1575HL Datasheet
744Kb / 56P
Global Positioning System GPS baseband processor
1999 Jun 04
UAA1570HL PHILIPS-UAA1570HL Datasheet
890Kb / 76P
Global Positioning System GPS front-end receiver circuit
1999 May 10
logo
Mitel Networks Corporat...
GP2010 MITEL-GP2010 Datasheet
151Kb / 24P
GPS Receiver RF Front End
GP2015 MITEL-GP2015 Datasheet
154Kb / 24P
GPS Receiver RF Front End
logo
List of Unclassifed Man...
DRP3510 ETC-DRP3510 Datasheet
450Kb / 30P
Digital Receiver Front-end
logo
Maxim Integrated Produc...
MAX2745 MAXIM-MAX2745 Datasheet
410Kb / 9P
Single-Chip Global Positioning System Receiver Front-End
Rev 0; 10/04
logo
Grayhill, Inc
62V15-02-P GRAYHILL-62V15-02-P Datasheet
568Kb / 3P
Global Positioning/Driver Information Systems
logo
Motorola, Inc
MC13062 MOTOROLA-MC13062 Datasheet
189Kb / 2P
FM RECEIVER FRONT END
logo
NXP Semiconductors
AFRX5G272 NXP-AFRX5G272 Datasheet
383Kb / 14P
RF Front--End Receiver Module
Rev. 0, 07/2020
AFRX5G372 NXP-AFRX5G372 Datasheet
387Kb / 15P
RF Front--End Receiver Module
Rev. 0, 05/2020
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com