Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX3967 Datasheet (PDF) - Maxim Integrated Products

MAX3967 Datasheet PDF - Maxim Integrated Products
Part # MAX3967
Download  MAX3967 Download
File Size   319.76 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 270Mbps SFP LED Driver

MAX3967 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX3967 Datasheet PDF - Maxim Integrated Products

Part # MAX3967
Download  MAX3967 Click to download

File Size   319.76 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 270Mbps SFP LED Driver

MAX3967 Datasheet (HTML) - Maxim Integrated Products


MAX3967 Product details

General Description
The MAX3967 is a programmable LED driver for fiber optic transmitters operating at data rates up to 270Mbps. The circuit contains a high-speed current driver with programmable temperature coefficient (tempco), adjustments for LED prebias voltage, and a disable feature. The circuit accepts PECL data inputs, and operates from a single +2.97V to +5.5V power supply.

Features
♦ TX_DISABLE for SFP Compatibility
♦ Single +2.97V to +5.5V Power Supply
♦ Adjustable Temperature Compensation
♦ Adjustable Modulation Current
♦ Complementary Output Reduces Supply Noise
♦ Programmable LED Prebias Voltage
♦ Available in 24-Pin QFN or Die

Applications
    Multimode LED Transmitters
    Fast Ethernet/FDDI
    155Mbps LAN ATM Transceivers
    ESCON Receivers
    SFP Transceivers




Similar Part No. - MAX3967

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AE/D MAXIM-MAX3967AE/D Datasheet
836Kb / 10P
270Mbps SFP LED Driver
Rev 0; 3/05
MAX3967AETG MAXIM-MAX3967AETG Datasheet
836Kb / 10P
270Mbps SFP LED Driver
Rev 0; 3/05
More results


Similar Description - MAX3967

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Maxim Integrated Produc...
MAX3741 MAXIM-MAX3741 Datasheet
531Kb / 10P
3.2Gbps Compact SFP VCSEL Driver
Rev 1; 5/04
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Maxim Integrated Produc...
MAX3982 MAXIM-MAX3982 Datasheet
1Mb / 15P
SFP Copper-Cable Preemphasis Driver
Rev 0; 8/04
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
Maxim Integrated Produc...
MAX3967A MAXIM-MAX3967A Datasheet
836Kb / 10P
270Mbps SFP LED Driver
Rev 0; 3/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com