Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4508 Datasheet (PDF) - Toshiba Semiconductor

MP4508 Datasheet PDF - Toshiba Semiconductor
Part # MP4508
Download  MP4508 Download
File Size   262.68 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER TRANSISTOR MODULE SILICON PNP TRIPLE DIFFUSED TYPE

MP4508 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP4508 Datasheet PDF - Toshiba Semiconductor

Part # MP4508
Download  MP4508 Click to download

File Size   262.68 Kbytes
Page   5 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description POWER TRANSISTOR MODULE SILICON PNP TRIPLE DIFFUSED TYPE

MP4508 Datasheet (HTML) - Toshiba Semiconductor


MP4508 Product details

High Power Switching Applications
Hammer Drive, Pulse Motor Drive and Inductive Load Switching

• Package with heat sink isolated to lead (SIP 12 pins)
• High collector power dissipation (4-device operation)
   : PT = 5 W (Ta = 25°C)
• High collector current: IC (DC) = −5 A (max)
• High DC current gain: hFE = 1000 (min) (VCE = −3 V, IC = −3 A)




Similar Part No. - MP4508

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
MP450 MEANWELL-MP450 Datasheet
344Kb / 6P
450W/650W/1000W Modular Power
logo
Toshiba Semiconductor
MP4501 TOSHIBA-MP4501 Datasheet
275Kb / 5P
N CHANNEL MSO TYPE (HIGH POWER HIGH SPEED SWITCHING APPLICATIONS HAMMER DRIVE, PULSE MOTOR DRIVE AND INDUCTIVE LOAD SWITCHING)
MP4501 TOSHIBA-MP4501 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4501 TOSHIBA-MP4501_07 Datasheet
189Kb / 6P
High Power Switching Applications Hammer Drive, Pulse Motor Drive and Inductive Load Switching
MP4502 TOSHIBA-MP4502 Datasheet
263Kb / 5P
TOSHIBA POWER TRANSISTOR MODULE SILICON NPN EPITAXIAL TYPE
More results


Similar Description - MP4508

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB1640 TOSHIBA-2SB1640 Datasheet
138Kb / 4P
TOSHIBA Transistor Silicon PNP Triple Diffused Type
2SA490 TOSHIBA-2SA490 Datasheet
87Kb / 2P
SILICON PNP TRIPLE DIFFUSED TYPE
2SB1375 TOSHIBA-2SB1375_06 Datasheet
142Kb / 5P
Silicon PNP Triple Diffused Type
2SB1667 TOSHIBA-2SB1667_06 Datasheet
161Kb / 5P
Silicon PNP Triple Diffused Type
logo
Guangdong Kexin Industr...
2SB1667 KEXIN-2SB1667 Datasheet
45Kb / 2P
Silicon PNP Triple Diffused Type
logo
Toshiba Semiconductor
TTA0001 TOSHIBA-TTA0001 Datasheet
166Kb / 5P
Transistor Silicon PNP Triple Diffused Type
TTA0002 TOSHIBA-TTA0002 Datasheet
193Kb / 5P
Transistor Silicon PNP Triple Diffused Type
logo
KEC(Korea Electronics)
BF421 KEC-BF421_02 Datasheet
59Kb / 3P
SILICON PNP TRIPLE DIFFUSED TYPE
logo
New Jersey Semi-Conduct...
2SA1943 NJSEMI-2SA1943 Datasheet
302Kb / 2P
TOSHIBA TRANSISTOR SILICON PNP TRIPLE DIFFUSED TYPE
logo
Toshiba Semiconductor
2SB1682 TOSHIBA-2SB1682 Datasheet
467Kb / 5P
TOSHIBA Transistor Silicon PNP Triple Diffused Type (Darlington power transistor)
2006-11-21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com