Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF9002R2 Datasheet (PDF) - Motorola, Inc

MRF9002R2 Datasheet PDF - Motorola, Inc
Part # MRF9002R2
Download  MRF9002R2 Download
File Size   580.0 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF Power Field Effect Transistor Array

MRF9002R2 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRF9002R2 Datasheet PDF - Motorola, Inc

Part # MRF9002R2
Download  MRF9002R2 Click to download

File Size   580.0 Kbytes
Page   12 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description RF Power Field Effect Transistor Array

MRF9002R2 Datasheet (HTML) - Motorola, Inc


MRF9002R2 Product details

The RF Sub–Micron MOSFET Line
RF Power Field Effect Transistor Array
N–Channel Enhancement–Mode Lateral MOSFET

Designed for broadband commercial and industrial applications with frequencies to 1.0 GHz. The high gain and broadband performance of this device make it ideal for large–signal, common–source amplifier applications in 26 volt base station equipment.

• Typical Performance at 960 MHz, 26 Volts
   Output Power — 2 Watts Per Transistor
   Power Gain — 18 dB
   Efficiency — 50%
• Designed for Maximum Gain and Insertion Phase Flatness
• Capable of Handling 10:1 VSWR, @ 26 Vdc, 960 MHz, 2 Watts CW
   Output Power
• Excellent Thermal Stability
• Characterized with Series Equivalent Large–Signal
   Impedance Parameters
• Available in Tape and Reel. R2 Suffix = 1,500 Units
   per 16 mm, 13 inch Reel.




Similar Part No. - MRF9002R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9002RS MOTOROLA-MRF9002RS Datasheet
292Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR ARRAY
More results


Similar Description - MRF9002R2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF9002RS MOTOROLA-MRF9002RS Datasheet
292Kb / 12P
RF POWER FIELD EFFECT TRANSISTOR ARRAY
MRF1518NT1 MOTOROLA-MRF1518NT1 Datasheet
757Kb / 20P
RF Power Field Effect Transistor
logo
Freescale Semiconductor...
MRF5P20180HR6 FREESCALE-MRF5P20180HR6 Datasheet
365Kb / 12P
RF Power Field Effect Transistor
MRFG35010N FREESCALE-MRFG35010N Datasheet
190Kb / 12P
RF Power Field Effect Transistor
MRF1517T1 FREESCALE-MRF1517T1 Datasheet
288Kb / 16P
RF Power Field Effect Transistor
MRF1518NT1 FREESCALE-MRF1518NT1_08 Datasheet
725Kb / 19P
RF Power Field Effect Transistor
MRF18090AR3 FREESCALE-MRF18090AR3 Datasheet
388Kb / 8P
RF Power Field Effect Transistor
logo
Advanced Semiconductor
MRF136 ASI-MRF136 Datasheet
21Kb / 1P
RF POWER FIELD-EFFECT TRANSISTOR
logo
Freescale Semiconductor...
MRF8S7235N FREESCALE-MRF8S7235N Datasheet
410Kb / 13P
RF Power Field Effect Transistor
logo
New Jersey Semi-Conduct...
MRF171A NJSEMI-MRF171A Datasheet
95Kb / 2P
RF Power Field-Effect Transistor
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com