Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3400 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3400 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3400
Download  PI5C3400 Download
File Size   56.95 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 4-Bit, 4-Port Bus Exchange Switch

PI5C3400 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3400 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3400
Download  PI5C3400 Click to download

File Size   56.95 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 4-Bit, 4-Port Bus Exchange Switch

PI5C3400 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3400 Product details

Product Description:
Pericom Semiconductor’s PI5C series of logic circuits are produced in the Company’s advanced 0.8 micron CMOS technology, achieving industry leading speed grades.

Product Features:
• Zero propagation delay
• Zero ground bounce in flow-through mode
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra Low Quiescent Power (0.2 µA Typical)
    – Ideally suited for notebook applications
• Packages available:
    – 24-pin 300 mil wide plastic PDIP (P)
    – 24-pin 150 mil wide plastic QSOP (Q)
    – 24-pin 300 mil wide plastic SOIC (S)




Similar Part No. - PI5C3400

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3401 PERICOM-PI5C3401 Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
PI5C3401Q PERICOM-PI5C3401Q Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
PI5C3401QE PERICOM-PI5C3401QE Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
PI5C3401S PERICOM-PI5C3401S Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
PI5C3401SE PERICOM-PI5C3401SE Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
More results


Similar Description - PI5C3400

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C3383 PERICOM-PI5C3383 Datasheet
399Kb / 5P
5-Bit, 4-Port Bus Exchange Switch
PI5C3401 PERICOM-PI5C3401 Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
17-Sep-2001
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400_06 Datasheet
203Kb / 8P
4?묪it, 4?뭁ort Bus Exchange Switch
December, 2006 ??Rev. 7
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com