Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5C3383 Datasheet (PDF) - Pericom Semiconductor Corporation

PI5C3383 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI5C3383
Download  PI5C3383 Download
File Size   399.51 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 5-Bit, 4-Port Bus Exchange Switch

PI5C3383 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI5C3383 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI5C3383
Download  PI5C3383 Click to download

File Size   399.51 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 5-Bit, 4-Port Bus Exchange Switch

PI5C3383 Datasheet (HTML) - Pericom Semiconductor Corporation


PI5C3383 Product details

Description
The PI5C3383 is a 5-bit, 4-port bus switch with exchange designed with a low On-Resistance allowing inputs to be connected directly to outputs. The switch creates no additional propagational delay or additional ground bounce noise. The switch is turned ON by the Bus Enable (BE) input signal, and the Bus Exchange (BX) input signal offers nibble swapping of the AB and CD pairs of signals. This exchange confguration allows byte swapping of buses in systems. It can also be used as a quad 2-to-1 multiplexer and to create low delay barrel shifters, etc.

Features
• Near-Zero propagation delay
• 5Ω switches connect inputs to outputs
• Direct bus connection when switches are ON
• Ultra-low quiescent power (0.2µA typical)
   – Ideally suited for notebook applications
• Packaging (Pb-free & Green available):
   – 24-pin 173-mil wide plastic TSSOP (L)
   – 24-pin 150-mil wide plastic QSOP (Q)
   – 24-pin 300-mil wide plastic SOIC (S)




Similar Part No. - PI5C3383

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI5C3384 PERICOM-PI5C3384 Datasheet
55Kb / 4P
10-Bit, 2-Port BusSwitch
PI5C3384 PERICOM-PI5C3384 Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI5C3384 PERICOM-PI5C3384 Datasheet
466Kb / 6P
10-Bit, 2-Port Bus Switch
PI5C3384A PERICOM-PI5C3384A Datasheet
182Kb / 3P
10-Bit, 2-Port BusSwitch
PI5C3384C PERICOM-PI5C3384C Datasheet
55Kb / 4P
10-Bit, 2-Port BusSwitch
More results


Similar Description - PI5C3383

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FST16209 FAIRCHILD-FST16209 Datasheet
134Kb / 5P
18-Bit Bus Exchange Switch
FST16213 FAIRCHILD-FST16213 Datasheet
153Kb / 6P
24-Bit Bus Exchange Switch
logo
Integrated Device Techn...
IDT74FST163209 IDT-IDT74FST163209 Datasheet
82Kb / 6P
9-BIT BUS EXCHANGE SWITCH
IDT74FST163212 IDT-IDT74FST163212 Datasheet
81Kb / 6P
24-BIT BUS EXCHANGE SWITCH
IDT74FST163213 IDT-IDT74FST163213 Datasheet
82Kb / 6P
24-BIT BUS EXCHANGE SWITCH
logo
Pericom Semiconductor C...
PI5C3401 PERICOM-PI5C3401 Datasheet
368Kb / 5P
6-Bit, 3-Port Bus Exchange Switch
logo
ON Semiconductor
74FST3400 ONSEMI-74FST3400 Datasheet
96Kb / 8P
4-Bit, 4-Port Bus Exchange Switch
January, 2005 ??Rev. 5
logo
Pericom Semiconductor C...
PI5C3400 PERICOM-PI5C3400 Datasheet
56Kb / 3P
4-Bit, 4-Port Bus Exchange Switch
PI3B3383 PERICOM-PI3B3383 Datasheet
53Kb / 5P
3.3V, 5-Bit, 4-Port Bus Exchange NanoSwitch
logo
Toshiba Semiconductor
TC7WB383FK TOSHIBA-TC7WB383FK Datasheet
111Kb / 7P
2-Bit Bus Exchange Switch
17-Sep-2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com