Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505 Datasheet (PDF) - Microchip Technology

PIC16F505 Datasheet PDF - Microchip Technology
Part # PIC16F505
Download  PIC16F505 Download
File Size   119.03 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  PIC16F505 Migration

PIC16F505 Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC16F505 Datasheet PDF - Microchip Technology

Part # PIC16F505
Download  PIC16F505 Click to download

File Size   119.03 Kbytes
Page   4 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description  PIC16F505 Migration

PIC16F505 Datasheet (HTML) - Microchip Technology


PIC16F505 Product details

GENERAL DESCRIPTION
The PIC12F508/509/16F505 devices from Microchip Technology are low-cost, high-performance, 8-bit, fully-static, Flash-based CMOS microcontrollers. They employ a RISC architecture with only 33 single-word/ single-cycle instructions. All instructions are single cycle (200 μs) except for program branches, which take two cycles. The PIC12F508/509/16F505 devices deliver performance an order of magnitude higher than their competitors in the same price category. The 12-bit wide instructions are highly symmetrical, resulting in a typical 2:1 code compression over other 8-bit microcontrollers in its class. The easy to use and easy to remember instruction set reduces development time significantly.
   
High-Performance RISC CPU:
• Only 33 Single-Word Instructions to Learn
• All Single-Cycle Instructions Except for Program
    Branches, which are Two-Cycle
• 12-Bit Wide Instructions
• 2-Level Deep Hardware Stack
• Direct, Indirect and Relative Addressing modes
    for Data and Instructions
• 8-Bit Wide Data Path
• 8 Special Function Hardware Registers
• Operating Speed:
    - DC – 20 MHz clock input (PIC16F505 only)
    - DC – 200 ns instruction cycle (PIC16F505
        only)
    - DC – 4 MHz clock input
    - DC – 1000 ns instruction cycle
    Special Microcontroller Features:
• 4 MHz Precision Internal Oscillator:
    - Factory calibrated to ±1%
• In-Circuit Serial Programming™ (ICSP™)
• In-Circuit Debugging (ICD) Support
• Power-On Reset (POR)
• Device Reset Timer (DRT)
• Watchdog Timer (WDT) with Dedicated On-Chip
    RC Oscillator for Reliable Operation
• Programmable Code Protection
• Multiplexed MCLR Input Pin
• Internal Weak Pull-Ups on I/O Pins
• Power-Saving Sleep mode
• Wake-Wp from Sleep on Pin Change
• Selectable Oscillator Options:
    - INTRC: 4 MHz precision Internal oscillator
    - EXTRC: External low-cost RC oscillator
    - XT: Standard crystal/resonator
    - HS: High-speed crystal/resonator
        (PIC16F505 only)
    - LP: Power-saving, low-frequency crystal
    - EC: High-speed external clock input
        (PIC16F505 only)  (Continue ...)
   




Similar Part No. - PIC16F505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 98P
8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers106
10/05/07
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 110P
8/14-Pin, 8-Bit Flash Microcontrollers
03/26/09
PIC16F505 MICROCHIP-PIC16F505 Datasheet
1Mb / 106P
8/14-Pin, 8-Bit Flash Microcontrollers
10/05/07
More results


Similar Description - PIC16F505

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16C72A MICROCHIP-PIC16C72A Datasheet
94Kb / 10P
PIC16C72A ??PIC16F72 Migration
2002
logo
STMicroelectronics
TN0108 STMICROELECTRONICS-TN0108 Datasheet
212Kb / 26P
Migration differences between SPC560B4x/50
18-Sep-2013
AN2645 STMICROELECTRONICS-AN2645 Datasheet
529Kb / 36P
Migration and compatibility guidelines for STM8S microcontroller applications
06-Mar-2009
AN3422 STMICROELECTRONICS-AN3422 Datasheet
317Kb / 52P
Migration of microcontroller applications from STM32F1 to STM32L1 series
01-Mar-2012
AN4142 STMICROELECTRONICS-AN4142 Datasheet
289Kb / 38P
STM32W108xx datasheet bit and register naming migration
23-Aug-2012
logo
List of Unclassifed Man...
TDC-GP2 ETC1-TDC-GP2 Datasheet
336Kb / 6P
Migration and Compatibility Guideline
logo
NXP Semiconductors
MC9RS08KA2 NXP-MC9RS08KA2 Datasheet
2Mb / 138P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9RS08LA8 NXP-MC9RS08LA8 Datasheet
778Kb / 35P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08AC128 NXP-MC9S08AC128 Datasheet
958Kb / 42P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
MC9S08AC60 NXP-MC9S08AC60 Datasheet
6Mb / 352P
Addendum for New QFN Package Migration
Rev. 0, 07/2014
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com