Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F505 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16F505
Description   PIC16F505 Migration
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F505 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16F505 Datasheet HTML 1Page - Microchip Technology PIC16F505 Datasheet HTML 2Page - Microchip Technology PIC16F505 Datasheet HTML 3Page - Microchip Technology PIC16F505 Datasheet HTML 4Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS41222A-page 2
Preliminary
 2003 Microchip Technology Inc.
DEVICE MIGRATIONS
The PIC16F505 is mainly a technology process change
from the PIC16C505 14-pin parts. There are some
changes that may affect older designs looking to use
the new parts. The changes are grouped into two
categories: those that affect hardware and those that
affect software. In most cases, an older design will
have little or no problems migrating to these new parts.
HARDWARE CHANGES
Oscillator
EC Oscillator mode has been added to the device. This
saves the cost of a dedicated clock source when a
system-wide clock source is available.
Operating Region
The commercial temperature operating region has
been incorporated into the industrial temperature
region. Please see the voltage frequency graphs in the
data sheet for more information.
The “LF” operating region has been incorporated into
the “F” parts. Please see the voltage frequency graphs
in the data sheet for more information.
Process Differences
Because the PIC16F505 uses a newer process
technology, there will be subtle behavior differences
between the PIC16C505 and the PIC16F505. Before
starting on a design migration, check the data sheets
and verify that the electrical specifications for the new
part are appropriate for your application.
SOFTWARE CHANGES
Flash Program Memory Code Protection
The Code Protect bits for the program memory have
changed from the PIC16C505 to the PIC16F505.
Configuration
bits
<11:6>
(CP)
are
now
unimplemented. They have been replaced with one
Configuration bit <3> (CP).
OSCCAL
An extra bit has been implemented in the 4 MHz
INTOSC enhancing the calibrated frequency of the
INTOSC.
The factory calibration value stored at location 03FFh
has also been increased by one bit and is loaded in the
same manner as the PIC16C505 with a MOVLW,
OSCCAL
instruction.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com