Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21Q58 Datasheet (PDF) - Maxim Integrated Products

DS21Q58 Datasheet PDF - Maxim Integrated Products
Part # DS21Q58
Download  DS21Q58 Download
File Size   17.45 Kbytes
Page   3 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dallas Semiconductor

DS21Q58 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21Q58 Datasheet PDF - Maxim Integrated Products

Part # DS21Q58
Download  DS21Q58 Click to download

File Size   17.45 Kbytes
Page   3 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Dallas Semiconductor

DS21Q58 Datasheet (HTML) - Maxim Integrated Products


DS21Q58 Product details

GENERAL DESCRIPTION

The DS21Q58 E1 quad transceiver contains all the necessary functions for connecting to four E1 lines. The DS21Q58 is a direct replacement for the DS21Q50, with the addition of signaling access and improved interrupt handling. It is composed of a line interface unit (LIU), framer, and a TDM backplane interface, and is controlled through an 8-bit parallel port configured for Intel or Motorola bus operations or serial port operation.



FEATURES

Four Complete E1 (CEPT) PCM-30/ISDN-PRI Transceivers

Pin Compatible with the DS21Q50 and DS21Q59

Short-Haul Line Interfaces

32-Bit or 128-Bit Crystal-Less Jitter Attenuator

Frames to FAS, CAS, and CRC4 Formats

CAS/CCS Signaling Support

4MHz/8MHz/16MHz Clock Synthesizer

Flexible System Clock with Automatic Source  Switching on Loss-of-Clock Source

Two-Frame Elastic-Store Slip Buffer on the Receive Side

Interleaving PCM Bus Operation Up to 16.384MHz

Configurable Parallel and Serial Port Operation

Detects and Generates Remote and AIS Alarms

Fully Independent Transmit and Receive Functionality

Four Separate Loopback Functions

PRBS Generation/Detection/Error Counting

3.3V Low-Power CMOS

Large Counters for Bipolar and Code Violations, CRC4 Codeword Errors, FAS Word Errors, and E Bits

Eight Additional User-Configurable Output Pins

100-Pin (14mm x 14mm) LQFP Package



APPLICATIONS

DSLAMs

Routers

IMA and WAN Equipment




Similar Part No. - DS21Q58

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21Q58 DALLAS-DS21Q58 Datasheet
647Kb / 74P
E1 Quad Transceiver
DS21Q58L DALLAS-DS21Q58L Datasheet
647Kb / 74P
E1 Quad Transceiver
DS21Q58LN DALLAS-DS21Q58LN Datasheet
647Kb / 74P
E1 Quad Transceiver
More results


Similar Description - DS21Q58

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBZ5221BLT1 LRC-MMBZ5221BLT1 Datasheet
168Kb / 5P
SEMICONDUCTOR
logo
List of Unclassifed Man...
DS1208 ETC-DS1208 Datasheet
18Kb / 5P
dallas semiconductor reliability report
logo
KEC(Korea Electronics)
KIA78R25PI KEC-KIA78R25PI Datasheet
16Kb / 1P
SEMICONDUCTOR
logo
Golledge Electronics Lt...
GDX GOLLEDGE-GDX Datasheet
60Kb / 1P
Crystals for Dallas Semiconductors
logo
Bel Fuse Inc.
APC82235 BEL-APC82235 Datasheet
137Kb / 2P
Slim Line Hybrid for Dallas E1
logo
Maxim Integrated Produc...
DS1204 MAXIM-DS1204 Datasheet
22Kb / 6P
Rev F1 Dallas Semiconductor
05/27/2004 Rev F1
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1_16 Datasheet
109Kb / 1P
Crystals for Dallas Semiconductors
logo
KEC(Korea Electronics)
BZX84C2V KEC-BZX84C2V Datasheet
363Kb / 3P
SEMICONDUCTOR
GM400S17AL KEC-GM400S17AL Datasheet
396Kb / 3P
SEMICONDUCTOR
logo
Golledge Electronics Lt...
GDX-1 GOLLEDGE-GDX-1 Datasheet
530Kb / 4P
Watch Crystal for Dallas Semiconductors
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com