Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS21Q58LN Datasheet (PDF) - Dallas Semiconductor

DS21Q58LN Datasheet PDF - Dallas Semiconductor
Part # DS21Q58LN
Download  DS21Q58LN Download
File Size   647.39 Kbytes
Page   74 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description E1 Quad Transceiver

DS21Q58LN Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21Q58LN Datasheet PDF - Dallas Semiconductor

Part # DS21Q58LN
Download  DS21Q58LN Click to download

File Size   647.39 Kbytes
Page   74 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description E1 Quad Transceiver

DS21Q58LN Datasheet (HTML) - Dallas Semiconductor


DS21Q58LN Product details

GENERAL DESCRIPTION

The DS21Q58 E1 quad transceiver contains all the necessary functions for connecting to four E1 lines. The DS21Q58 is a direct replacement for the DS21Q50, with the addition of signaling access and improved interrupt handling. It is composed of a line interface unit (LIU), framer, and a TDM backplane interface, and is controlled through an 8-bit parallel port configured for Intel or Motorola bus operations or serial port operation.



FEATURES

Four Complete E1 (CEPT) PCM-30/ISDN-PRI Transceivers

Pin Compatible with the DS21Q50 and DS21Q59

Short-Haul Line Interfaces

32-Bit or 128-Bit Crystal-Less Jitter Attenuator

Frames to FAS, CAS, and CRC4 Formats

CAS/CCS Signaling Support

4MHz/8MHz/16MHz Clock Synthesizer

Flexible System Clock with Automatic Source  Switching on Loss-of-Clock Source

Two-Frame Elastic-Store Slip Buffer on the Receive Side

Interleaving PCM Bus Operation Up to 16.384MHz

Configurable Parallel and Serial Port Operation

Detects and Generates Remote and AIS Alarms

Fully Independent Transmit and Receive Functionality

Four Separate Loopback Functions

PRBS Generation/Detection/Error Counting

3.3V Low-Power CMOS

Large Counters for Bipolar and Code Violations, CRC4 Codeword Errors, FAS Word Errors, and E Bits

Eight Additional User-Configurable Output Pins

100-Pin (14mm x 14mm) LQFP Package



APPLICATIONS

DSLAMs

Routers

IMA and WAN Equipment




Similar Part No. - DS21Q58LN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21Q58 MAXIM-DS21Q58 Datasheet
17Kb / 3P
Dallas Semiconductor
06/01/04 Rev B1
More results


Similar Description - DS21Q58LN

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM6341 PMC-PM6341 Datasheet
42Kb / 2P
E1 TRANSCEIVER
logo
Maxim Integrated Produc...
DS21Q50 MAXIM-DS21Q50 Datasheet
770Kb / 87P
Quad E1 Transceiver
logo
List of Unclassifed Man...
DS21Q55 ETC-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
logo
Integrated Device Techn...
IDT82P2284 IDT-IDT82P2284 Datasheet
2Mb / 384P
Quad T1/E1/J1 Long Haul / Short Haul Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 102106
logo
Intel Corporation
LXT386 INTEL-LXT386 Datasheet
530Kb / 78P
QUAD T1/E1/J1 Transceiver
logo
Maxim Integrated Produc...
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
Quad T1/E1/J1 Transceiver
REV: 112907
DS21458DK MAXIM-DS21458DK Datasheet
1Mb / 32P
Quad T1/E1/J1 Transceiver Design Kit Daughter Card
REV: 012506
DS21Q59 MAXIM-DS21Q59_V01 Datasheet
657Kb / 76P
E1 Quad Transceiver
REV: 090104
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
Quad T1/E1/J1 Transceiver
REV: 042204
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com