Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0501SMT-R Datasheet (PDF) - ISOCOM COMPONENTS

ICPL0501SMT-R Datasheet PDF - ISOCOM COMPONENTS
Part # ICPL0501SMT-R
Download  ICPL0501SMT-R Download
File Size   547.49 Kbytes
Page   10 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description devices each consist of an infrared emitting diode,

ICPL0501SMT-R Datasheet (PDF)

Go To PDF Page Download Datasheet
ICPL0501SMT-R Datasheet PDF - ISOCOM COMPONENTS

Part # ICPL0501SMT-R
Download  ICPL0501SMT-R Click to download

File Size   547.49 Kbytes
Page   10 Pages
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS
Description devices each consist of an infrared emitting diode,

ICPL0501SMT-R Datasheet (HTML) - ISOCOM COMPONENTS


ICPL0501SMT-R Product details

DESCRIPTION
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode, optically coupled to a high speed photo detector transistor. A separate connection for the photodiode bias and output-transistor collector increase the speed by several orders of magnitude over conventional phototransistor couplers by reducing the base-collector capacitance of the input transistor.
These devices belong to Isocom Compact Range of optocouplers.

FEATURES
• Half Pitch 1.27mm
• High speed 1Mbit/s
• 15kV/μs min. Common Mode Transient Immunity
• (ICPL0453)
• High AC Isolation Voltage 3750Vrms
• Guaranteed Performance from 0°C to 70°C
• Wide Operating Temperature Range -55°C to 100°C
• Pb Free and RoHS Compliant
• Halogen Free
• Safety Approvals Pending

APPLICATIONS
• Line Receivers
• Telecommunication Equipments
• Power Transistor Isolation in Motor Drives
• Replacement of Low Speed Phototransistor Optocouplers
• Feedback Loop in Switch Mode Power Supplies
• High Speed Logic Ground Isolation
• Home Appliances




Similar Part No. - ICPL0501SMT-R

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0501 ISOCOM-ICPL0501 Datasheet
547Kb / 10P
DESCRIPTION
More results


Similar Description - ICPL0501SMT-R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
ISOCOM COMPONENTS
ICPL0500SMT-R ISOCOM-ICPL0500SMT-R Datasheet
547Kb / 10P
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
More results




About ISOCOM COMPONENTS


Isocom Components is a UK-based company that specializes in the design, development, and manufacture of optocouplers and optoelectronic components. The company was founded in 1982 and is headquartered in Havant, Hampshire, England.

Isocom's product portfolio includes a wide range of optocouplers, phototransistors, photodiodes, infrared (IR) sensors, and solid-state relays. These products are used in a variety of applications, including telecommunications, industrial control, medical equipment, and consumer electronics.

Isocom Components has a strong focus on research and development, and the company's products are known for their reliability, high-performance, and low power consumption. Isocom serves customers worldwide and has offices and distribution partners in Europe, North America, and Asia.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com