Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICPL0501SMT-R Datasheet(PDF) 1 Page - ISOCOM COMPONENTS

Part # ICPL0501SMT-R
Description  devices each consist of an infrared emitting diode,
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

ICPL0501SMT-R Datasheet(HTML) 1 Page - ISOCOM COMPONENTS

  ICPL0501SMT-R Datasheet HTML 1Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 2Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 3Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 4Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 5Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 6Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 7Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 8Page - ISOCOM COMPONENTS ICPL0501SMT-R Datasheet HTML 9Page - ISOCOM COMPONENTS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1 05/12/12
DC93163
DESCRIPTION
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501
devices each consist of an infrared emitting diode,
optically coupled to a high speed photo detector
transistor. A separate connection for the photodiode
bias and output-transistor collector increase the speed
by several orders of magnitude over conventional
phototransistor couplers by reducing the
base-collector capacitance of the input transistor.
These devices belong to Isocom Compact Range of
optocouplers.
FEATURES
•
Half Pitch 1.27mm
•
High speed 1Mbit/s
•
15kV/μs min. Common Mode Transient Immunity
•
(ICPL0453)
•
High AC Isolation Voltage 3750Vrms
•
Guaranteed Performance from 0°C to 70°C
•
Wide Operating Temperature Range
-55°C to 100°C
•
Pb Free and RoHS Compliant
•
Halogen Free
•
Safety Approvals Pending
APPLICATIONS
•
Line Receivers
•
Telecommunication Equipments
•
Power Transistor Isolation in Motor Drives
•
Replacement of Low Speed Phototransistor
Optocouplers
•
Feedback Loop in Switch Mode Power Supplies
•
High Speed Logic Ground Isolation
•
Home Appliances
ORDER INFORMATION
•
Add T&R after PN for Surface Mount Tape &
Reel
ICPL0452 / ICPL0453 / ICPL0500 / ICPL0501
ISOCOM
COMPONENTS
ISOCOM COMPONENTS 2004 LTD
Unit 25B, Park View Road West, Park View Industrial Estate
Hartlepool, Cleveland, TS25 1UD, United Kingdom
Tel: +44 (0)1429 863 609 Fax : +44 (0)1429 863 581
e-mail: sales@isocom.co.uk
http://www.isocom.com
ISOCOM COMPONENTS ASIA LTD
Hong Kong Office,
Block A, 8/F, Wah Hing Industrial mansion,
36 Tai Yau Street, San Po Kong, Kowloon, Hong Kong.
Tel: +852 2995 9217 Fax : +852 8161 6292
e-mail sales@isocom.com.hk
ABSOLUTE MAXIMUM RATINGS (TA = 25°C)
Input Diode
Forward Current
25mA
Peak Forward Current
50mA
(50% duty cycle, 1ms pulse width)
Peak Transient Current
1A
(≤1μs pulse width, 300pps)
Reverse Voltage
5V
Power dissipation
45mW
Output
Output Current
8mA
Peak Output Current
16mA
Emitter-Base Reverse Voltage
5V
(ICPL0500 and ICPL0501 only)
Base Current
5mA
(ICPL0500 and ICPL0501 only)
Output Voltage
-0.5 to 20V
Supply Voltage
-0.5 to 30V
Power Dissipation
100mW
Total Package
Isolation Voltage
3750Vrms
Operating Temperature
-55 to 100 °C
Storage Temperature
-55 to 125 °C
Lead Soldering Temperature (10s)
260°C
1. NC
2. Anode
3. Cathode
4. NC
5. Gnd
6. Vout
7. VB
(ICPL0500/
ICPL0501)
NC
(ICPL0452/
ICPL0453)
8. VCC
ICPL0452 / ICPL0453
5
6
7
8
1
2
3
4
5
6
7
8
1
2
3
4
ICPL0500 / ICPL0501


Similar Part No. - ICPL0501SMT-R

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
ICPL0501 ISOCOM-ICPL0501 Datasheet
547Kb / 10P
DESCRIPTION
More results

Similar Description - ICPL0501SMT-R

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
K4N25 KODENSHI-K4N25 Datasheet
256Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N26 KODENSHI-K4N26 Datasheet
699Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K4N35 KODENSHI-K4N35 Datasheet
157Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K301 KODENSHI-K301 Datasheet
203Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
K401 KODENSHI-K401 Datasheet
206Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814A KODENSHI-KPC814A Datasheet
164Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
KPC814L KODENSHI-KPC814L Datasheet
144Kb / 3P
Photocoupler(These Photocouplers consist of two Gallium Arsenide Infrared Emitting)
PC-17K1 KODENSHI-PC-17K1 Datasheet
533Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
PC-17L1 KODENSHI-PC-17L1 Datasheet
288Kb / 3P
Photocoupler(These Photocouplers consist of a Gallium Arsenide Infrared Emitting)
logo
ISOCOM COMPONENTS
ICPL0500SMT-R ISOCOM-ICPL0500SMT-R Datasheet
547Kb / 10P
The ICPL0452, ICPL0453, ICPL0500 and ICPL0501 devices each consist of an infrared emitting diode,
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com