Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP601C-R Datasheet (PDF) - Fairchild Semiconductor

QTLP601C-R Datasheet PDF - Fairchild Semiconductor
Part # QTLP601C-R
Download  QTLP601C-R Download
File Size   137.74 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP

QTLP601C-R Datasheet (PDF)

Go To PDF Page Download Datasheet
QTLP601C-R Datasheet PDF - Fairchild Semiconductor

Part # QTLP601C-R
Download  QTLP601C-R Click to download

File Size   137.74 Kbytes
Page   8 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP

QTLP601C-R Datasheet (HTML) - Fairchild Semiconductor


QTLP601C-R Product details

DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Small size, low profile and wide viewing angle make these LEDs ideal choices for backlighting applications and panel illumination.

FEATURES
• Small footprint - 1.6(L) X 0.8(W) X 0.6(H) mm
• AllnGaP technology for -R, -E, -O, -Y and -AG
• InGaN/SiC technology for -IG and -IB
• Wide viewing angle of 120°
• Water clear optics
• Moisture-proof packaging
• Available in 0.315” (8mm) width tape on 7” (178mm) diameter reel; 2,000 units per reel

APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting




Similar Part No. - QTLP601C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP601C-2 FAIRCHILD-QTLP601C-2 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-2 FAIRCHILD-QTLP601C-2 Datasheet
368Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-3 FAIRCHILD-QTLP601C-3 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-3 FAIRCHILD-QTLP601C-3 Datasheet
368Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-4 FAIRCHILD-QTLP601C-4 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
More results


Similar Description - QTLP601C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
SURFACE MOUNT LED LAMP
AM23SGD-F KINGBRIGHT-AM23SGD-F Datasheet
278Kb / 5P
SURFACE MOUNT LED LAMP
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AM23SYD-F KINGBRIGHT-AM23SYD-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
SURFACE MOUNT LED LAMP
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
SURFACE MOUNT LED LAMP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com