Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QTLP601C-R Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # QTLP601C-R
Description  SURFACE MOUNT LED LAMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

QTLP601C-R Datasheet(HTML) 1 Page - Fairchild Semiconductor

  QTLP601C-R Datasheet HTML 1Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 2Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 3Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 4Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 5Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 6Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 7Page - Fairchild Semiconductor QTLP601C-R Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
0.047 (1.2)
0.035 (0.9)
0.028 (0.7)
0.071 (1.8)
0.055 (1.4)
0.039 (1.0)
TOP
SIDE
BOTTOM
-
+
CATHODE
0.004 (0.1)
0.024 (0.6)
POLARITY
PACKAGE DIMENSIONS
NOTE:
Dimensions for all drawings are in inches (mm).
SURFACE MOUNT LED LAMP
SUPER BRIGHT 0603 (0.6 mm Height)
QTLP601C-R Red
QTLP601C-E Orange
QTLP601C-O Yellow-Orange
QTLP601C-Y Yellow
QTLP601C-AG Yellow-Green
QTLP601C-IG True Green
QTLP601C-IB Blue
DESCRIPTION
These surface mount chip LEDs are designed to fit industry standard footprint. Small size, low profile and wide viewing angle make
these LEDs ideal choices for backlighting applications and panel illumination.
APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting
FEATURES
• Small footprint - 1.6(L) X 0.8(W) X 0.6(H) mm
• Water clear optics
• AllnGaP technology for -R, -E, -O, -Y and -AG
• Moisture-proof packaging
• InGaN/SiC technology for -IG and -IB
• Available in 0.315” (8mm) width tape on 7” (178mm)
• Wide viewing angle of 120°
diameter reel; 2,000 units per reel
 2001 Fairchild Semiconductor Corporation
DS300210
8/30/01
1 OF 8
www.fairchildsemi.com


Similar Part No. - QTLP601C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP601C-2 FAIRCHILD-QTLP601C-2 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-2 FAIRCHILD-QTLP601C-2 Datasheet
368Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-3 FAIRCHILD-QTLP601C-3 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-3 FAIRCHILD-QTLP601C-3 Datasheet
368Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
QTLP601C-4 FAIRCHILD-QTLP601C-4 Datasheet
362Kb / 6P
SURFACE MOUNT LED LAMP STANDARD BRIGHT 0603 (0.6 mm Height)
More results

Similar Description - QTLP601C-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
SURFACE MOUNT LED LAMP
AM23SGD-F KINGBRIGHT-AM23SGD-F Datasheet
278Kb / 5P
SURFACE MOUNT LED LAMP
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AM23SYD-F KINGBRIGHT-AM23SYD-F Datasheet
279Kb / 5P
SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
SURFACE MOUNT LED LAMP
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
SURFACE MOUNT LED LAMP
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
SURFACE MOUNT LED LAMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com