Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS662-03 Datasheet (PDF) - List of Unclassifed Manufacturers

ICS662-03 Datasheet PDF - List of Unclassifed Manufacturers
Part # ICS662-03
Download  ICS662-03 Download
File Size   105.66 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HDTV Audio/Video Clock Source

ICS662-03 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICS662-03 Datasheet PDF - List of Unclassifed Manufacturers

Part # ICS662-03
Download  ICS662-03 Click to download

File Size   105.66 Kbytes
Page   6 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description HDTV Audio/Video Clock Source

ICS662-03 Datasheet (HTML) - List of Unclassifed Manufacturers


ICS662-03 Product details

[ICST]

Description
The ICS662-03 provides synchronous clock generation for audio sampling clock rates derived from an HDTV stream. The device uses the latest PLL technology to provide superior phase noise and long term jitter performance. The device also supports a 27 MHz output clock for video MPEG applications from an HDTV reference clock.
Please contact ICS if you have a requirement for an input and output frequency not included here.

Features
• Packaged in 8 pin SOIC
• HDTV clock input
• Low phase noise
• Exact (0 ppm) multiplication ratios
• Support for 256 and 384 times sampling rate
• Supports 27 MHz output for video (MPEG)




Similar Part No. - ICS662-03

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
More results


Similar Description - ICS662-03

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS627-01 ICST-ICS627-01 Datasheet
42Kb / 4P
HDTV Set-Top Clock Source
Revision 051600
MK2705 ICST-MK2705 Datasheet
121Kb / 6P
Audio Clock Source
Revision 102103
ICS664-03 ICST-ICS664-03 Datasheet
148Kb / 6P
Digital Video Clock Source
Revision 091404
logo
Integrated Device Techn...
ICS662-03 IDT-ICS662-03 Datasheet
171Kb / 7P
HDTV AUDIO/VIDEO CLOCK SOURCE
logo
List of Unclassifed Man...
ICS664G-03LF ETC2-ICS664G-03LF Datasheet
196Kb / 7P
DIGITAL VIDEO CLOCK SOURCE
logo
Renesas Technology Corp
MK2705 RENESAS-MK2705 Datasheet
331Kb / 8P
AUDIO CLOCK SOURCE
051310
ICS662-03 RENESAS-ICS662-03 Datasheet
340Kb / 8P
HDTV AUDIO/VIDEO CLOCK SOURCE
051310
ICS664-01 RENESAS-ICS664-01 Datasheet
257Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-03 RENESAS-ICS664-03 Datasheet
362Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
051310
ICS664-05 RENESAS-ICS664-05 Datasheet
261Kb / 8P
DIGITAL VIDEO CLOCK SOURCE
100907
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com