Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST162552 Datasheet (PDF) - Exar Corporation

ST162552 Datasheet PDF - Exar Corporation
Part # ST162552
Download  ST162552 Download
File Size   121.52 Kbytes
Page   28 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs

ST162552 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST162552 Datasheet PDF - Exar Corporation

Part # ST162552
Download  ST162552 Click to download

File Size   121.52 Kbytes
Page   28 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description DUAL ASYNCHRONOUS RECEIVER/TRANSMITTER WITH FIFOs

ST162552 Datasheet (HTML) - Exar Corporation


ST162552 Product details

DESCRIPTION
The ST16C2552 is a dual asynchronous receiver and transmitter with 16 byte transmit and receive FIFOs. Independent programmable baud rate generators are provided to select transmit and receive clock rates from 50Hz to 1.5 MHz for each UART.

FEATURES
• Pin to pin and functional compatible to National NS16C552
• 16 byte transmit FIFO
• 16 byte receive FIFO with error flags
• Modem control signals (CTS*, RTS*, DSR*, DTR*, RI*, CD*)
• Programmable character lengths (5, 6, 7, 8) bits
• Even, odd, or no parity bit generation and detection
• Status report register
• TTL compatible inputs, outputs
• Independent transmit and receive control
• Software compatible with INS8250, NS16C550
• 460.8 kHz transmit/receive operation with 7.372 MHz crystal or external clock source




Similar Part No. - ST162552

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16 STMICROELECTRONICS-ST16 Datasheet
146Kb / 21P
CHIP SET INTERFACE SPECIFICATION
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
Development Environment For ST16 and ST19 Smartcard MCU Families
Oct-1999
More results


Similar Description - ST162552

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68681 MOTOROLA-MC68681 Datasheet
964Kb / 35P
Dual Asynchronous Receiver/Transmitter
logo
National Semiconductor ...
PC16550D NSC-PC16550D Datasheet
344Kb / 22P
PC16550D Universal Asynchronous Receiver/Transmitter with FIFOs
PC16552C NSC-PC16552C Datasheet
827Kb / 22P
Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PC16552D NSC-PC16552D Datasheet
291Kb / 21P
Dual Universal Asynchronous Receiver/Transmitter with FIFOs
PC16553 NSC-PC16553 Datasheet
1Mb / 37P
Dual Universal Asynchronous Receiver/Transmitter with FIFOs plus High Performance Parallel Interface
logo
NXP Semiconductors
SCN2681T PHILIPS-SCN2681T Datasheet
114Kb / 14P
Dual asynchronous receiver/transmitter DUART
1998 Sep 04
SCC68681 PHILIPS-SCC68681 Datasheet
195Kb / 29P
Dual asynchronous receiver/transmitter
2004 Apr 06
logo
IMP, Inc
IMP16C554 IMP-IMP16C554 Datasheet
510Kb / 20P
Quad Universal Asynchronous Receiver/Transmitter (UART) with FIFOs
logo
Texas Instruments
NS16C552 TI1-NS16C552 Datasheet
335Kb / 24P
PC16552D Dual Universal Asynchronous Receiver/Transmitter with FIFOs?
PC16552DVX TI-PC16552DVX Datasheet
335Kb / 24P
Dual Universal Asynchronous Receiver/Transmitter with FIFOs
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com