Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet (PDF) - STMicroelectronics

ST16 Datasheet PDF - STMicroelectronics
Part # ST16
Download  ST16 Download
File Size   146.66 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CHIP SET INTERFACE SPECIFICATION

ST16 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16 Datasheet PDF - STMicroelectronics

Part # ST16
Download  ST16 Click to download

File Size   146.66 Kbytes
Page   21 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CHIP SET INTERFACE SPECIFICATION

ST16 Datasheet (HTML) - STMicroelectronics


ST16 Product details

DESCRIPTION

The goal of this document is to provide a Hardware / Software interface specifications of the FPGA component (Xilinx SPARTANXL XCS40XL-4PQ208C) used in the STMicroelectronics Contactless System. The FPGA manages the communication between the MCU and the Analog Front End. This component formats the frames in accordance with ISO 14443 type B standard.



PHYSICAL INTERFACE BETWEEN FPGA AND MCU

This corresponds to a classical memory interface between bidirectional Data bus, Selection signal, Read/Write signal and a signal used to select either FIFOs or Control/Status registers access



Interface signals description

In order to simplify interface specification, the FPGA logic has been designed with the same accesses for FIFOs and Control Registers. This is the reason why the read access chronogram show only one access type (figure 1)

However, for write access chronogram, two access types are shown (figures 2 & 3).

MCU accesses are done in burst mode for the FIFOs, it is not useful to generate addresses. So, there is no address bus for the MCU Interface. To address the different control registers, the two MSB bits from the data bus must be used.

These control registers have to be setted during the first transmission each time the code is down loaded in FPGA (start up of the reader) or when any parameter has to be modified. For later transmissions, the control registers don’t need to be re initialised.

The control Register Description is available in table 2.




Similar Part No. - ST16

ManufacturerPart #DatasheetDescription
logo
RFE international
ST16-103 RFE-ST16-103 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-104 RFE-ST16-104 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
ST16-154 RFE-ST16-154 Datasheet
216Kb / 1P
TEMPERATURE COMPENSATING THERMISTORS ST Series: Surface Mount
logo
STMicroelectronics
ST16-19HDSE STMICROELECTRONICS-ST16-19HDSE Datasheet
168Kb / 3P
Development Environment For ST16 and ST19 Smartcard MCU Families
Oct-1999
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
More results


Similar Description - ST16

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST16-19RFRDCS010 STMICROELECTRONICS-ST16-19RFRDCS010 Datasheet
14Kb / 2P
CONTACTLESS READER CHIP SET
Jan-2001
logo
Hitachi Semiconductor
LMG5278XUFC-00T HITACHI-LMG5278XUFC-00T Datasheet
21Kb / 1P
INTERFACE SPECIFICATION
logo
Texas Instruments
TACT83000 TI-TACT83000 Datasheet
2Mb / 74P
AT CHIP SET
logo
Agilent(Hewlett-Packard...
HDMP-1032A HP-HDMP-1032A Datasheet
252Kb / 32P
Transmitter/Receiver Chip Set
logo
Motorola, Inc
MC145428 MOTOROLA-MC145428 Datasheet
44Kb / 1P
DATA SET INTERFACE
logo
fujitsu semiconductor
NC41120-0018 FUJITSU-NC41120-0018 Datasheet
183Kb / 3P
STANDARD Micro Controller Specification USB Interface Controller Chip
logo
List of Unclassifed Man...
SPHE8202S ETC2-SPHE8202S Datasheet
81Kb / 1P
CHIP SET
logo
Silicon Laboratories
AN434 SILABS-AN434 Datasheet
183Kb / 34P
INTERFACE SPECIFICATION
AN495 SILABS-AN495 Datasheet
113Kb / 22P
INTERFACE SPECIFICATION
AN792 SILABS-AN792 Datasheet
358Kb / 76P
INTERFACE SPECIFICATION
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com