Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 3Page - STMicroelectronics ST16 Datasheet HTML 4Page - STMicroelectronics ST16 Datasheet HTML 5Page - STMicroelectronics ST16 Datasheet HTML 6Page - STMicroelectronics ST16 Datasheet HTML 7Page - STMicroelectronics ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1/15
This is a Preliminary Data on a new product now in development or undergoing evaluation. Details are subject to change with-
out noctice.
PRELIMINARY DATA
ST16-19RFRDCS
CHIP SET INTERFACE SPECIFICATION
1 FPGA & MCU INTERFACE
1.1 DESCRIPTION
The goal of this document is to provide a Hardware / Software interface specifications of the FPGA com-
ponent (Xilinx SPARTANXL XCS40XL-4PQ208C) used in the STMicroelectronics Contactless System.
The FPGA manages the communication between the MCU and the Analog Front End. This component
formats the frames in accordance with ISO 14443 type B standard.
1.2 PHYSICAL INTERFACE BETWEEN FPGA AND MCU
This corresponds to a classical memory interface between bidirectional Data bus, Selection signal, Read/
Write signal and a signal used to select either FIFOs or Control/Status registers access
1.2.1 Interface signals description
In order to simplify interface specification, the FPGA logic has been designed with the same accesses for
FIFOs and Control Registers. This is the reason why the read access chronogram show only one access
type (figure 1)
However, for write access chronogram, two access types are shown (figures 2 & 3).
MCU accesses are done in burst mode for the FIFOs, it is not useful to generate addresses. So, there is
no address bus for the MCU Interface. To address the different control registers, the two MSB bits from
the data bus must be used.
These control registers have to be setted during the first transmission each time the code is down loaded
in FPGA (start up of the reader) or when any parameter has to be modified. For later transmissions, the
control registers don’t need to be re initialised.
The control Register Description is available in table 2.
FSD_CHIPSET_B/0104VP2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com