Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics ST16 Datasheet HTML 17Page - STMicroelectronics ST16 Datasheet HTML 18Page - STMicroelectronics ST16 Datasheet HTML 19Page - STMicroelectronics ST16 Datasheet HTML 20Page - STMicroelectronics ST16 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
11/15
FSD_CHIPSET_B/0104VP2
ST16-19RFRDCS
2 ANALOG FRONT END SPECIFICATION
2.1 DESCRIPTION
The Analog Front End is a combined RF generator and signal interface. It manages the communication
between a reader so called proximity coupling device (PCDs) and a proximity contactless smartcard
(PICCs). The AFE is connected to the FPGA component and the MCU used in the STMicroelectronics
Contactless System (reader chip set).
The Analog Front End is full ISO 14443 type B compliant.
The Analog Front End operates at 13.56 MHz. As the contactless smart card carries no battery, the card
is telepowered by a magnetic field, produced by the AFE, through the antenna. It also includes data mod-
ulation and demodulation circuits.
The AFE is a Dil 32 with only 12 pins package. In this version, only eight pins are used, the not connected
pin will be used for the extension type A (Figure 6).
The device requires an external inductor, an external capacitance and resistance in order to resonate at
13.56 MHz.
FC=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com