Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 4Page - STMicroelectronics ST16 Datasheet HTML 5Page - STMicroelectronics ST16 Datasheet HTML 6Page - STMicroelectronics ST16 Datasheet HTML 7Page - STMicroelectronics ST16 Datasheet HTML 8Page - STMicroelectronics ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
2/15
ST16-19RFRDCS
FSD_CHIPSET_B/0104VP2
1.2.2 Interface signals definition
The signals used for the interface between FPGA & MCU, in transmission and reception, are:
Mic_Data(7:0): Data bidirectional bus.
Mic_strb_b: FPGA strobe signal (Activ low) used to sample the data.
This signal is sent by the MCU to the FPGA
Mic_RW: Writing/Reading signal (’1’=reading, ’0’=writing).
This signal is sent by the MCU to the FPGA
Mic_Ctrl_Data: Registers/FIFOs access signal (’1’ = Register access, ’0’ = FIFOs access).
This signal is sent by the MCU to the FPGA
Tx_start: Transmission command, used to start data transmission from FIFO to output pin.
This signal is sent by the MCU to the FPGA
Tx_fifo_empty: Signal used to indicate transmission fifo empty.
This signal is sent by the FPGA to the MCU
Rx_fifo_empty: Signal used to indicate reception fifo empty.
This signal is sent by the FPGA to the MCU
Rx_irq_eof: IRQ reception end.
This signal is sent by the FPGA to the MCU
1.3 FIFOS ACCESS
1.3.1 Transmission FIFO (cf figure 1)
At the end of a transmission (or during power-on), the FPGA sets the transmission FIFO pointers to zero.
This way, Tx_Fifo_Empty is validated, and so the software has to check that transmission FIFO is empty
before sending a new frame.
1.3.2 Reception FIFO (cf figures 2 & 3)
The reading pointer of reception FIFO is reset after each new frame received. It is impossible to get more
than one frame in the FIFO. Thus, after each interruption, data stored in the FIFO has to be read until val-
idation of Rx_Fifo_Empty signal.
WARNINGS: - Reception FIFO reading is done in "lookahead" mode. Bytes are read by the FPGA
in internal mode before being read by the MCU. Thus, the Rx_Fifo_Empty signal is valid just before
reading the last byte in the FIFO. FIFO reception has to be read once more when Rx_Fifo_Empty is
valid to get the last byte of the received frame.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com