Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 18 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics ST16 Datasheet HTML 17Page - STMicroelectronics ST16 Datasheet HTML 18Page - STMicroelectronics ST16 Datasheet HTML 19Page - STMicroelectronics ST16 Datasheet HTML 20Page - STMicroelectronics ST16 Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
12/15
ST16-19RFRDCS
FSD_CHIPSET_B/0104VP2
Figure 7 shows a typical configuration of the external circuit for the AFE.
Figure 6 Pin Configuration:
Figure 7 Configuration of external resonant circuit:
2.2 FEATURES
The AFE is full ISO 14443 type B compliant:
– Frequency of the RF operating field is: Fo= 13,56 MHz +/- 7 kHz
– Data rate from card to reader and reader to card: 106 k bits
– Data modulation from reader to card:- ASK of 10%, between 6 and 14%; NRZ
Data demodulation from Card to reader: BPSK NRZ load modulation, sub carrier F0/16 =847 kHz
Package: DIL 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com