Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST16 Datasheet(PDF) 13 Page - STMicroelectronics

Part # ST16
Description  CHIP SET INTERFACE SPECIFICATION
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button ST16 Datasheet HTML 9Page - STMicroelectronics ST16 Datasheet HTML 10Page - STMicroelectronics ST16 Datasheet HTML 11Page - STMicroelectronics ST16 Datasheet HTML 12Page - STMicroelectronics ST16 Datasheet HTML 13Page - STMicroelectronics ST16 Datasheet HTML 14Page - STMicroelectronics ST16 Datasheet HTML 15Page - STMicroelectronics ST16 Datasheet HTML 16Page - STMicroelectronics ST16 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
7/15
FSD_CHIPSET_B/0104VP2
ST16-19RFRDCS
1.6 REGISTERS MAPPING
1.6.1 Control Registers
The control bits mapping is given by the following table:
Table 2 : Control register description
Example:
Register " Reception Control ": MSB
LSB
01000011
bit [7:6] "01": identification of the Register " Reception Control "
bit [5:4] "00": set to ’0’
bit [3:2] "00": speed 106K
bit 1
’1’ : automatic speed detection
bit 0
’1’ : external valid
“Address
"Description
"00”
Functionality Mode Setting
bit 0:
Cfg_Irq_Pulse
'0' = Toggle Mode
’1’ = Pulse Mode
bit 1:
Cfg_Irq_High
'0' = Pulse Activ Low
‘1' = Pulse Activ High
bit 2:
Cfg_Loopback
’0’ = Usual Functionality
‘1' = Loop back
bit 3:
ST Reserved => set to '0'
bit 4:
ST Reserved => set to '0
bit 5:
ST Reserved => set to '0'
bit [7:6]:
Register Address Bits => set to "00"
"01”
Reception Control
bit 0:
Rx_Valid_Ext
’0’ = Digital Detection
’1’ = External Valid
bit 1:
Rx_Speed_Auto
’0’ = By Rx_Speed_Config Bits
’1’ = Automatic
bit [3:2]:
Rx_Speed_Config
"00" = 106K
"01" = 212K
"10" & "11" = 424K
bit 4:
ST Reserved => set to ’0’
bit 5:
ST Reserved => set to ’0’
bit [7:6]:
Register Address Bits => set to "01"
"10”
Register 1 Transmission Control
bit [1:0]:
Tx_Speed_Config
"00" = 106K
"01" = 212K
"10" & "11" = 424K
bit[4:2]:
Tx_Egt_Config
Number of d’EGT bits
bit 5:
ST Reserved => set to ’0’
bit [7:6]:
Register Address Bits => set to "10"
“11”
Register 2 Transmission Control
bit 0:
Tx_CRC_Disable
'0' = CRC automatic
‘1' = CRC disable
bit 1:
Tx_SOF_0_11
'0' = SOF of 10 bits at ‘0’
’1' = SOF of 11 bits at ‘0’
bit 2:
Tx_SOF_1_3
'0' = SOF of 2 bits at '1'
'1' = SOF of 3 bits at '1'
bit 3:
Tx_EOF_0_11
'0' = EOF of 10 bits at '0'
'1' = EOF of 11 bits at '0'
bit 4:
ST Reserved => set to '0'
bit 5:
ST Reserved => set to '0'
bit [7:6]:
Register Address Bits => set to "11"



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com